Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5934
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5934 Datasheet HTML 12Page - Analog Devices AD5934 Datasheet HTML 13Page - Analog Devices AD5934 Datasheet HTML 14Page - Analog Devices AD5934 Datasheet HTML 15Page - Analog Devices AD5934 Datasheet HTML 16Page - Analog Devices AD5934 Datasheet HTML 17Page - Analog Devices AD5934 Datasheet HTML 18Page - Analog Devices AD5934 Datasheet HTML 19Page - Analog Devices AD5934 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD5934
Rev. 0 | Page 16 of 32
GAIN FACTOR TEMPERATURE VARIATION
The typical impedance error variation with temperature is in the
order of 30 ppm/°C. Figure 21 shows an impedance profile with a
variation in temperature for 100 kΩ impedance using a 2-point
gain factor calibration.
101.5
98.5
54
66
FREQUENCY (kHz)
101.0
100.5
100.0
99.5
99.0
56
58
60
62
64
+125
°C
+25
°C
–40
°C
VDD = 3.3V
CALIBRATION FREQUENCY = 60kHz
MEASURED CALIBRATION IMPEDANCE = 100k
Ω
Figure 21. Impedance Profile Variation with Temperature Using a 2-Point Gain
Factor Calculation
IMPEDANCE ERROR
Minimizing the impedance range under test optimizes the
AD5934 measurement performance. Below are examples of the
AD5934 performance when operating in the six different
impedance ranges. The gain factor is calculated with a precision
resistor in each case.
Range 1 (0.1 kΩ to 1 kΩ)
Output excitation voltage = 2 V p-p
Calibration impedance value, ZCALIBRATION = 100 Ω
PGA gain = ×1
Supply voltage = 3.3 V
Current-to-voltage amplifier gain resistor = 100 Ω
7
0
10
FREQUENCY (kHz)
6
5
4
3
2
1
35
60
100
RFB = 0.1k
Ω
CALIBRATION IMPEDANCE = 0.1k
Ω
TA = 25°C
0.5k
Ω
1k
Ω
Figure 22. Range 1: Typical % Impedance Error over Frequency
Range 2 (1 kΩ to 10 kΩ)
Output excitation voltage = 2 V p-p
Calibration impedance value, ZCALIBRATION = 1 kΩ
PGA gain = ×1
Supply voltage = 3.3 V
Current-to-voltage amplifier gain resistor = 1 kΩ
2.0
0
10
FREQUENCY (kHz)
35
60
100
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
RFB = 1k
Ω
CALIBRATION IMPEDANCE = 1k
Ω
TA = 25°C
5k
Ω
10k
Ω
Figure 23. Range 2: Typical % Impedance Error over Frequency
Range 3 (10 kΩ to 100 kΩ)
Output excitation voltage = 2 V p-p
Calibration impedance value, ZCALIBRATION = 10 kΩ
PGA gain = ×1
Supply voltage = 3.3 V
Current-to-voltage amplifier gain resistor = 10 kΩ
0.3
–0.3
10
FREQUENCY (kHz)
35
60
100
0.2
0.1
0
–0.1
–0.2
RFB = 10k
Ω
CALIBRATION IMPEDANCE = 10k
Ω
TA = 25°C
50k
Ω
100k
Ω
Figure 24. Range 3: Typical % Impedance Error over Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com