Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5934
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 1 Page - Analog Devices

  AD5934 Datasheet HTML 1Page - Analog Devices AD5934 Datasheet HTML 2Page - Analog Devices AD5934 Datasheet HTML 3Page - Analog Devices AD5934 Datasheet HTML 4Page - Analog Devices AD5934 Datasheet HTML 5Page - Analog Devices AD5934 Datasheet HTML 6Page - Analog Devices AD5934 Datasheet HTML 7Page - Analog Devices AD5934 Datasheet HTML 8Page - Analog Devices AD5934 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
250 kSPS, 12-Bit Impedance Converter,
Network Analyzer
AD5934
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Programmable output peak-to-peak excitation voltage
to a max frequency of 100 kHz
Programmable frequency sweep capability with
serial I2C® interface
Frequency resolution of 27 bits (<0.1 Hz)
Impedance measurement range from 100 Ω to 10 MΩ
Phase measurement capability
System accuracy of 0.5%
2.7 V to 5.5 V power supply operation
Temperature range −40°C to +125°C
16-lead SSOP package
APPLICATIONS
Electrochemical analysis
Bioelectrical impedance analysis
Impedance spectroscopy
Complex impedance measurement
Corrosion monitoring and protection equipment
Biomedical and automotive sensors
Proximity sensing
Nondestructive testing
Material property analysis
Fuel/battery cell condition monitoring
GENERAL DESCRIPTION
The AD5934 is a high precision impedance converter system
solution which combines an on-board frequency generator with
a 12-bit, 250 kSPS, analog-to-digital converter (ADC). The
frequency generator allows an external complex impedance to
be excited with a known frequency. The response signal from
the impedance is sampled by the on-board ADC and a discrete
Fourier transform (DFT) is processed by an on-board DSP
engine. The DFT algorithm returns a real (R) and imaginary (I)
data-word at each output frequency.
The magnitude of the impedance and relative phase of the
impedance at each frequency point along the sweep is easily
calculated using the following two equations:
2
2
I
R
Magnitude
+
=
)
/
(
1
R
I
Tan
Phase
−
=
Table 1. Related Devices
Part No.
Description
AD5933
2.7 V to 5.5 V. 1 MSPS, 12-bit impedance, with
internal temperature sensor, 16-lead SSOP.
FUNCTIONAL BLOCK DIAGRAM
ADC
(12 BITS)
VDD/2
DDS
CORE
(27 BITS)
DAC
Z(
ω)
I2C
INTERFACE
IMAGINARY
REGISTER
GAIN
REAL
REGISTER
1024-POINT DFT
LPF
SCL
SDA
DVDD
AVDD
MCLK
AGND
DGND
ROUT
VOUT
AD5934
RFB
VIN
Figure 1.


Similar Part No. - AD5934

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5934 AD-AD5934 Datasheet
200Kb / 6P
High Accuracy Impedance Measurements Using 12-Bit Impedance Converters
REV. A
AD5934 AD-AD5934 Datasheet
579Kb / 31P
Impedance Converter, Network Analyzer
9/2017-Rev. D to Rev. E
AD5934 AD-AD5934 Datasheet
419Kb / 10P
Fully Isolated Conductivity Measurement Data Acquisition System
Rev. 0
AD5934YRSZ AD-AD5934YRSZ Datasheet
579Kb / 31P
Impedance Converter, Network Analyzer
9/2017-Rev. D to Rev. E
AD5934YRSZ-REEL7 AD-AD5934YRSZ-REEL7 Datasheet
579Kb / 31P
Impedance Converter, Network Analyzer
9/2017-Rev. D to Rev. E
More results

Similar Description - AD5934

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5933 AD-AD5933 Datasheet
553Kb / 20P
1 MSPS 12-Bit Impedance Converter, Network Analyzer
Dec-2004
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
Network/Spectrum/Impedance Analyzer
logo
Analog Devices
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
AD5934 AD-AD5934_15 Datasheet
468Kb / 32P
250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. C
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
1 MSPS, 12-Bit Impedance Converter, Network Analyzer
4/2017-Rev E to Rev F
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
Impedance Converter, Network Analyzer
9/2017-Rev. D to Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com