Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5934
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5934 Datasheet HTML 8Page - Analog Devices AD5934 Datasheet HTML 9Page - Analog Devices AD5934 Datasheet HTML 10Page - Analog Devices AD5934 Datasheet HTML 11Page - Analog Devices AD5934 Datasheet HTML 12Page - Analog Devices AD5934 Datasheet HTML 13Page - Analog Devices AD5934 Datasheet HTML 14Page - Analog Devices AD5934 Datasheet HTML 15Page - Analog Devices AD5934 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD5934
Rev. 0 | Page 12 of 32
TRANSMIT STAGE
As shown in Figure 16, the transmit stage of the AD5934 is made
up of a 27-bit phase accumulator DDS core which provides the
output excitation signal at a particular frequency. The input to the
phase accumulator is taken from the contents of the START
FREQUENCY register (see RAM Locations 82h, 83h, and 84h).
Although the phase accumulator offers 27 bits of resolution, the
START FREQUENCY register has the 3 most significant bits
(MSBs) set to 0 internally; therefore the user has the ability to
program only the lower 24 bits of the START FREQUENCY
register.
The AD5934 offers a frequency resolution programmable by the
user down to 0.1 Hz. The frequency resolution is programmed via
a 24-bit word loaded serially over the I2C interface to the
FREQUENCY INCREMENT register.
The frequency sweep is fully described by the programming of
three parameters: the START FREQUENCY, the FREQUENCY
INCREMENT, and the NUMBER OF INCREMENTS.
START FREQUENCY
This is a 24-bit word that is programmed to the on-board RAM at
Address 82h, Address 83h, and Address 84h (see the Register Map
section). The required code loaded to the START FREQUENCY
register is the result of the formula shown in Equation 1, based on
the master clock frequency and the required start frequency
output from the DDS.
27
2
16
×
=
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛ MCLK
Frequency
Start
Output
Required
Code
Frequency
Start
(1)
For example, if the user requires the sweep to begin at 30 kHz and
has a 16 MHz clock signal connected to MCLK. The code that
needs to be programmed is given by
l
hexidecima
3D70A3
27
2
16
MHz
16
kHz
30
≡
×
=
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
Code
Frequency
Start
The user programs 3D hex to Register 82 h, 70 hex to
Register 83 h, and A3 hex to Register 84 h.
FREQUENCY INCREMENT
This is a 24-bit word that is programmed to the on-board
RAM at Address 85 h, Address 86 h, and Address 87 h (see
the Register Map section). The required code loaded to the
frequency increment register is the result of the formula shown in
Equation 2, based on the master clock frequency and the required
increment frequency output from the DDS.
27
2
16
×
=
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛ MCLK
Increment
Frequency
Required
Code
Increment
Frequency
(2)
For example, if the user requires the sweep to have a resolution of
10 Hz and has a 16 MHz clock signal connected to MCLK, the
code that needs to be programmed is given by
l
hexidecima
00053E
16
MHz
16
Hz
10
≡
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
=
Code
Increment
Frequency
The user programs 00 hex to Register 85 h, 05 hex to
Register 86 h, and finally 3E hex to Register 87 h.
NUMBER OF INCREMENTS
This is a 9-bit word that represents the number of frequency
points in the sweep. The number is programmed to the on-board
RAM at Address 88 h and Address 89 h (see the Register Map
section). The maximum number of points that can be
programmed is 511.
For example, if the sweep needs 150 points, the user programs
00 hex to Register 88 h and 96 hex to Register 89 h.
Once the three parameter values have been programmed, the
sweep is initiated by issuing a Start Frequency Sweep command
to the CONTROL register at Address 80 h and Address 81 h
(see the Register Map section). Bit 2 in the STATUS register
(Register 8F h) indicates the completion of the frequency
measurement for each sweep point. Incrementing to the next
frequency sweep point is under the control of the user. The
measured result is stored in two registers (94 h, 95 h and 96 h,
97 h) which should be read before issuing an Increment
Frequency command to the CONTROL register to move to the
next sweep point. There is the facility to repeat the current
frequency point measurement by issuing a Repeat Frequency
command to the CONTROL register. This has the benefit of
allowing the user to average successive readings. When the
frequency sweep has completed all frequency points, Bit 3 in the
STATUS register is set, indicating completion of the sweep. Once
this bit is set further increments are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com