Electronic Components Datasheet Search
  English  ▼

X  

AD7366 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 4 Page - Analog Devices

  AD7366 Datasheet HTML 1Page - Analog Devices AD7366 Datasheet HTML 2Page - Analog Devices AD7366 Datasheet HTML 3Page - Analog Devices AD7366 Datasheet HTML 4Page - Analog Devices AD7366 Datasheet HTML 5Page - Analog Devices AD7366 Datasheet HTML 6Page - Analog Devices AD7366 Datasheet HTML 7Page - Analog Devices AD7366 Datasheet HTML 8Page - Analog Devices AD7366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD7366
Preliminary Technical Data
Rev. PrG | Page 4 of 17
Parameter
Min
Typ Max
Unit
Test Conditions/ Comments
REFERENCE INPUT/OUTPUT
Reference Output Voltage4
2.5
2.5
V
±0.2% max @ 25°C
Reference Input Voltage Range
+2.5
3.0
V
DC Leakage Current
±1
µA
External reference applied to Pin VREFA/Pin VREFB
Input Capacitance
25
pF
VREFA, VREFB Output Impedance
8
Ω
Reference Temperature
Coefficient
20
ppm/°C
10
ppm/°C
VREF Noise
20
µVRMS
LOGIC INPUTS
Input High Voltage, VINH
0.7× VDRIVE
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IIN
±1
µA max
VIN = 0 V or VDRIVE
Input Capacitance, CIN3
5
pF typ
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE − 0.2
V
Output Low Voltage, VOL
0.4
V
Floating State Leakage Current
±1
µA
Floating State Output
Capacitance3
10
pF
CONVERSION RATE
Conversion Time
610
ns
Track/Hold Acquisition Time3
140
ns
Full-scale step input;
Throughput Rate
1.12
MSPS
For 4.75V≤VDRIVE≤5.25V, fSCLK = 48MHz
1
MSPS
For 2.7V≤VDRIVE<4.75V , fSCLK = 35MHz
POWER REQUIREMENTS
Digital I/Ps = 0 V or VDRIVE
VCC
4.75
5.25
V
See Table 6
VDD
+11.5
+16.5
V
See Table 6
VSS
-16.5
-11.5
V
See Table 6
VDRIVE
2.7
5.25
V
Normal Mode (Static)
IDD
1
µA
VDD = +16.5 V
ISS
1
µA
VSS = −16.5 V
ICC
1.8
mA
VCC = 5.5 V
Normal Mode (Operational)
fs = 1.12 MSPS
IDD
925
µA
VDD = +16.5 V
ISS
725
µA
VSS = −16.5 V
ICC
4
mA
VCC = 5.25 V, internal reference enabled
Shut-Down Mode
IDD
1
µA
VDD = +16.5 V
ISS
1
µA
VSS = −16.5 V
ICC
1
µA
VCC = 5.25 V
Power Dissipation
Normal Mode (Operational)
48.23
mW
VDD = +16.5V, VSS = −16.5V, VCC = 5.25V
Shut-Down
15
µW
VDD = +5V, VSS = −5V, VCC = 5V
Shut-Down
38.25
µW
VDD = +16.5V, VSS = −16.5V, VCC = 5.25
1 Temperature range is −40°C to +85°C
2 See Terminology section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com