Electronic Components Datasheet Search
  English  ▼

X  

AD7366 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7366 Datasheet HTML 5Page - Analog Devices AD7366 Datasheet HTML 6Page - Analog Devices AD7366 Datasheet HTML 7Page - Analog Devices AD7366 Datasheet HTML 8Page - Analog Devices AD7366 Datasheet HTML 9Page - Analog Devices AD7366 Datasheet HTML 10Page - Analog Devices AD7366 Datasheet HTML 11Page - Analog Devices AD7366 Datasheet HTML 12Page - Analog Devices AD7366 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Preliminary Technical Data
AD7366
Rev. PrG | Page 9 of 17
be placed on the AVCC pins.
9,16
DCAPA,DCAPB
Decoupling Capacitor Pins. Decoupling capacitors are connected to these pins to decouple the reference
buffer for each respective ADC. For best performance it is recommended to use 680nF decoupling capacitor
on these pins. Provided the output is buffered, the on-chip reference can be taken from these pins and
applied externally to the rest of a system.
10
VSS
Negative power supply voltage. This is the negative supply voltage for the Analog Input section. The supply
must be less than a maximum voltage of -11.5V for all input ranges. See Table 6 for further details. 10 µF
and 100 nF decoupling capacitors should be placed on the VSS pin.
11,12
VA1, VA2
Analog Inputs of ADC A. These are both single-ended analog inputs. The Analog input range on these
channels is determined by the RANGE0 and RANGE1 pins.
13,14
VB2, VB1
Analog Inputs of ADC B. These are both single-ended analog inputs. The Analog input range on these
channels is determined by the RANGE0 and RANGE1 pins.
15
VDD
Positive power supply voltage. This is the positive supply voltage for the Analog Input section. The supply
must be greater than a minimum voltage of 11.5V for all the analog input ranges. See Table 6 for further
details. 10 µF and 100 nF decoupling capacitors should be placed on the VDD pin.
18
REFSEL
Internal/External Reference Selection. Logic input. If this pin is tied to a logic high, the on-chip 2.5 V
reference is used as the reference source for both ADC A and ADC B. In addition, Pin DCAPA and Pin DCAPB
must be tied to decoupling capacitors. If the REF SELECT pin is tied to GND, an external reference can be
supplied to the AD7366 through the DCAPA and/or DCAPB pins.
19
CS
Chip Select. Active low logic input. This input frames the serial data transfer. When CS is logic low the
output bus is enabled and the conversion result is output on DOUTA, and DOUTB.
20
SCLK
Serial Clock. Logic input. A serial clock input provides the SCLK for accessing the data from the AD7366.
21
CONVST
Conversion Start. Edge triggered logic input. On the falling edge of this input the track/hold goes into hold
mode and conversion is initiated. If CONVST is low at the end of a conversion, the part goes into power-
down mode. In this case, the rising edge of CONVST will instruct the part to power up again.
22
BUSY
BUSY Output. Transitions high when a conversion is started and remains high until the conversion is
complete.
24
DGND
Digital Ground. This is the ground reference point for all digital circuitry on the AD7366. The DGND pin
should connect to the DGND plane of a system. The DGND and AGND voltages should ideally be at the
same potential and must not be more than 0.3 V apart, even on a transient basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com