Electronic Components Datasheet Search
  English  ▼

X  

AD7366 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7366 Datasheet HTML 9Page - Analog Devices AD7366 Datasheet HTML 10Page - Analog Devices AD7366 Datasheet HTML 11Page - Analog Devices AD7366 Datasheet HTML 12Page - Analog Devices AD7366 Datasheet HTML 13Page - Analog Devices AD7366 Datasheet HTML 14Page - Analog Devices AD7366 Datasheet HTML 15Page - Analog Devices AD7366 Datasheet HTML 16Page - Analog Devices AD7366 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
AD7366
Preliminary Technical Data
Rev. PrG | Page 16 of 17
SERIAL INTERFACE
Figure 9 shows the detailed timing diagram for serial inter-
facing to the AD7366. On the falling edge of CONVST the
AD7366 will simultaneously convert the selected channels.
These conversions are performed using the on-chip oscillator.
After the falling edge of CONVST the BUSY signal goes high,
indicating the conversion has started. It returns low once the
conversion has been completed. The data can now be read from
the
DOUT pins.
CS and SCLK signals are required to transfer data from the
AD7366. The AD7366 has two output pins corresponding to
each ADC. Data can be read from the AD7366 using both
DOUTA & DOUTB, alternatively a single output pin of your
choice can be used. The SCLK input signal provides the
clock source for the serial interface. The CS goes low to
access data from the AD7366. The falling edge of CS takes
the bus out of three-state and clocks out the MSB of the
conversion result. The data stream consists of 12 bits of data
MSB first. The first bit of the conversion result is valid on the
first SCLK falling edge after the CS falling edge. The
subsequent 11 bits of data are clocked out on the falling edge
of the SCLK signal. A minimum of 12 Clock pulses must be
provided to AD7366 to access each conversion result. Figure
9
shows how a 12 SCLK read is used to access the conversion
results.
On the rising edge of CS, the conversion will be terminated
and DOUTA and DOUTB go back into three-state. If CS is not
brought high, but is instead held low for a further 12 SCLK
cycles on either DOUTA or DOUTB, the data from the other
ADC follows on the DOUT pin. This is illustrated in Figure 10
where the case for DOUTA is shown. In this case, the DOUT
line in use goes back into three-state on the rising edge of CS
If the falling edge of SCLK coincides with the falling edge of
CS, then the falling edge of SCLK is not acknowledged by
the AD7366, and the next falling edge of the SCLK will be
the first registered after the falling edges of the CS.
The CS pin can be brought low before the BUSY signal goes
low to indicate the end of a conversion. The data bus is bought
out of three-state by taking the CS pin low. This feature can be
utilized to ensure that the MSB is valid on the falling edge of
BUSY by bring CS low a minimum of t4 nanoseconds before the
BUSY signal goes low. The dotted CS
line in Figure 7 illustrates
this.
CS
SCLK
1
5
12
DOUTA
DOUTB
3-STATE
t5
2
34
t7
t4
3-STATE
DB11
DB10
DB2
DB0
t8
t6
t9
DB1
DB9
DB8
Figure 9. Serial Interface Timing diagram
CS
SCLK
1
5
11
DOUTA
THREE-
STATE
t5
2
34
12
t7
t4
THREE-
STATE
t8
t6
10
DB11B
13
t10
24
DB11A
DB10A
DB9A
DB1A
DB0A
DB1B
DB0B
DB10B
Figure 10. Reading Data from Both ADC’s on ONE DOUT Line with 28 SCLK’s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com