Electronic Components Datasheet Search
  English  ▼

X  

AD7366 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 1 Page - Analog Devices

  AD7366 Datasheet HTML 1Page - Analog Devices AD7366 Datasheet HTML 2Page - Analog Devices AD7366 Datasheet HTML 3Page - Analog Devices AD7366 Datasheet HTML 4Page - Analog Devices AD7366 Datasheet HTML 5Page - Analog Devices AD7366 Datasheet HTML 6Page - Analog Devices AD7366 Datasheet HTML 7Page - Analog Devices AD7366 Datasheet HTML 8Page - Analog Devices AD7366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
True Bipolar Input, Dual
1μs, 12-Bit, 2-Channel SAR ADC
Preliminary Technical Data
AD7366
Rev. PrG
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 12-bit, 2-channel ADC
True Bipolar Analog Inputs
Programmable Input Ranges
±10, ±5, 0 to 10 V
Throughput rate: 1 MSPS
Simultaneous conversion with read in less than 1μs
Specified for VCC of 5 V±5%
Low current consumption: 5.65 mA max
Wide input bandwidth
70 dB SNR at 50 kHz input frequency
On-chip reference: 2.5 V
–40°C to +85°C operation
High speed serial interface
SPI®/QSPI™/MICROWIRE™/DSP compatible
iCMOSTM Process Technology
24-lead TSSOP package
For 14 bit version see AD7367
GENERAL DESCRIPTION
The AD73661 is a dual, 12-bit, high speed, low power, successive
approximation ADC that features throughput rates up to 1
MSPS. The device contains two ADCs, each preceded by a 2-
channel multiplexer, and a low noise, wide bandwidth track-
and-hold amplifier that can handle input frequencies in excess
of 10 MHz.
The AD7366 is fabricated on Analog Devices’ Industrial CMOS
process, iCMOS, a technology platform combining the
advantages of low and high voltage CMOS, bipolar and high
voltage DMOS processes. The process allows the AD7366 to
accept high voltage bipolar signals in addition to reducing
power consumption and package size. The AD7366 can accept
true bipolar analog input signals in the ±10 V range, ±5 V range
and 0 to 10 V range.
The AD7366 has an on-chip 2.5 V reference that can be
overdriven if an external reference is preferred. The AD7366 is
available in a 24-lead TSSOP package.
iCMOSTM Process Technology
For analog systems designers within industrial/instrumentation equipment
OEMs who need high performance ICs at higher-voltage levels, iCMOS is a
technology platform that enables the development of analog ICs capable of
30V and operating at +/- 15V supplies while allowing dramatic reductions in
power consumption and package size, and increased AC and DC
performance.
1Protected by U.S. Patent No. 6,681,332.
FUNCTIONAL BLOCK DIAGRAM
OUTPUT
DRIVERS
T/H
OUTPUT
DRIVERS
CONTROL
LOGIC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
T/H
MUX
MUX
REF
BUF
BUF
AD7366
VA1
VA2
VB1
VB2
DCAPA
DVCC
AVCC
VDD
CONVST
CS
DOUTA
ADDR
RANGE0
RANGE1
VDRIVE
BUSY
DOUTB
SCLK
REFSEL
AGND
VSS
AGND
DGND
DCAPB
Figure 1
Table 1.Related Products
Device
Number
Resolution
Throughput
Rate
Number of
Channels
AD7367
14-Bit
1 MSPS
Dual, 2-ch
AD7366-5
12-Bit
500 KSPS
Dual, 2-ch
AD7367-5
14-Bit
500 KSPS
Dual, 2-ch


Similar Part No. - AD7366

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7366 AD-AD7366 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7366-5 AD-AD7366-5 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7366BRUZ AD-AD7366BRUZ Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7366BRUZ-500RL7 AD-AD7366BRUZ-500RL7 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
More results

Similar Description - AD7366

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
logo
ATMEL Corporation
AD7322 ATMEL-AD7322 Datasheet
901Kb / 18P
Software Selectable True Bipolar Input, 2-Channel, 12-Bit Plus Sign ADC
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
AD7366 AD-AD7366_07 Datasheet
624Kb / 28P
True Bipolar Input, Dual 1 關s, 12-/14-Bit, 2-Channel SAR ADCs
5/07-Revision 0
AD7321 AD-AD7321_15 Datasheet
886Kb / 37P
500 kSPS, 2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
REV. B
AD7366 AD-AD7366_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7366-5 AD-AD7366-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7367 AD-AD7367_15 Datasheet
682Kb / 29P
True Bipolar Input, Dual 12-Bit/14-Bit, 2-Channel, Simultaneous Sampling SAR ADC
REV. D
AD7367-5 AD-AD7367-5_15 Datasheet
651Kb / 29P
True Bipolar Input, 12-/14-Bit, 2-Channel, Simultaneous Sampling SAR ADCs
REV. B
AD7321 AD-AD7321_17 Datasheet
697Kb / 37P
2-Channel, Software-Selectable, True Bipolar Input, 12-Bit Plus Sign ADC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com