Electronic Components Datasheet Search
  English  ▼

X  

AD7366 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7366 Datasheet HTML 9Page - Analog Devices AD7366 Datasheet HTML 10Page - Analog Devices AD7366 Datasheet HTML 11Page - Analog Devices AD7366 Datasheet HTML 12Page - Analog Devices AD7366 Datasheet HTML 13Page - Analog Devices AD7366 Datasheet HTML 14Page - Analog Devices AD7366 Datasheet HTML 15Page - Analog Devices AD7366 Datasheet HTML 16Page - Analog Devices AD7366 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AD7366
Preliminary Technical Data
Rev. PrG | Page 14 of 17
MODES OF OPERATION
The mode of operation of the AD7366 is selected by the (logic) state of the CONVST signal at the end of a conversion. There are two
possible modes of operation: normal mode and shut-down mode. These modes of operation are designed to provide flexible power
management options. These options can be chosen to optimize the power dissipation/throughput rate ratio for differing application
requirements.
NORMAL MODE
This mode is intended for applications needing fast throughput
rates since the user does not have to worry about any power-up
times with the AD7366 remaining fully powered at all times.
Figure 7 shows the general mode of operation of the AD7366 in
this mode.
The conversion is initiated on the falling edge of CONVST as
described in the Circuit Information section. To ensure that the
part remains fully powered up at all times, CONVST must be at
logic state high prior to the BUSY signal going low. If CONVST
is at logic state low when the BUSY signal goes low, the
analogue circuitry will power down and the part will cease
converting. The BUSY signal remains high for the duration of
the conversion. The CS pin must be brought low to bring the
data bus out of three-sate, subsequently twelve serial clock
cycles are required to read the conversion result. The DOUT lines
return to three-state when CS is brought high and not after 12
SCLK cycles has elapsed. If CS is left low for a further 12 SCLK
cycles, the result from the other on chip ADC is also accessed
on the same DOUT line, as shown in Figure 10 (see the Serial
Interface section)
Once 24 SCLK cycles have elapsed, the DOUT line returns to
three-state when CS is brought high and not on the 24th SCLK
falling edge. If CS is brought high prior to this, the DOUT line
returns to three-state at that point. Thus, CS must be brought
high once the read is completed, as the bus does not
automatically return to three-state upon completion of the dual
result read.
Once a data transfer is complete and DOUTA and DOUTB have
returned to three-state, another conversion can be initiated after
the quiet time, tQUIET, has elapsed by bringing CONVST low
again.
BUSY
CONVST
SCLK
tconvert
t1
t2
SERIAL READ OPERATION
CS
t3
1
12
tquiet
Figure 7. Normal Mode Operation
SHUT-DOWN MODE
This mode is intended for use in applications where slow
throughput rates are required. This mode is suited to
applications where a series of conversions performed at a
relatively high throughput rate are followed by a long period of
inactivity and thus, shut-down. When the AD7366 is in full
power-down, all analog circuitry is powered down. As already
stated, the falling edge of CONVST initiates the conversion.
The BUSY output subsequently goes high to indicate that the
conversion is in progress. Once the conversion is completed, the
BUSY output returns low. If the CONVST signal is at logic low
when BUSY goes low then the part will enter shut-down at the
end of the conversion phase. While the part is in shut-down
mode the digital output code from the last conversion on each
ADC can still be read from the DOUT pins. To read the DOUT data
CS must be brought low as described in the Serial Interface
Section. The DOUT pins return to three-state once CS is brought
back to logic high.
To exit full power-down and power up the AD7366, A rising
edge of CONVST is required. After the required power up time
has elapsed, CONVST may be brought low again to initiate
another conversion, as shown in Figure 8 See the Power up time
section for power-up times associated with the AD7366.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com