Electronic Components Datasheet Search
  English  ▼

X  

AD7366 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7366
Description  True Bipolar Input, Dual 1us, 12-Bit, 2-Channel SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7366 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7366 Datasheet HTML 9Page - Analog Devices AD7366 Datasheet HTML 10Page - Analog Devices AD7366 Datasheet HTML 11Page - Analog Devices AD7366 Datasheet HTML 12Page - Analog Devices AD7366 Datasheet HTML 13Page - Analog Devices AD7366 Datasheet HTML 14Page - Analog Devices AD7366 Datasheet HTML 15Page - Analog Devices AD7366 Datasheet HTML 16Page - Analog Devices AD7366 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AD7366
Preliminary Technical Data
Rev. PrG | Page 15 of 17
BUSY
CONVST
SCLK
tconvert
t2
SERIAL READ OPERATION
CS
t3
tpower-up
1
12
ENTERS SHUT-DOWN
Figure 8. Auto-Shutdown Mode
POWER-UP TIMES
The AD7366 has one power down mode, which has already
been described in detail. This section deals with the power-up
time required when coming out of this modes. It should be
noted that the power-up time, as explained in this section,
applies with the recommended capacitors in place on the DCAPA
and DCAPB pins. To power up from shut-down, CONVST must
be brought high and remain high for a minimum of 100μs, as
shown in Figure 8.
When power supplies are first applied to the AD7366, the ADC
may power up with CONVST in either the low or high logic
state. Before attempting a valid conversion CONVST must be
brought high and remain high for the recommended power up
time of 70μs, it can then be brought low to initiate a conversion.
With the AD7366 no dummy conversion is required before
valid data can be read from the
DOUT pins. If it is intended to
place the part in shut-down mode when the supplies are first
applied, then the AD7366 must be powered up as explained
about and a conversion initiated, but CONVST should remain
in the logic low state and when the BUSY signal goes low thus
the part enters shut-down.
Once supplies are applied to the AD7366, enough time must be
allowed for any external reference to power up and charge the
various reference buffer decoupling capacitors to their final values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com