Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7765 Datasheet HTML 5Page - Analog Devices AD7765 Datasheet HTML 6Page - Analog Devices AD7765 Datasheet HTML 7Page - Analog Devices AD7765 Datasheet HTML 8Page - Analog Devices AD7765 Datasheet HTML 9Page - Analog Devices AD7765 Datasheet HTML 10Page - Analog Devices AD7765 Datasheet HTML 11Page - Analog Devices AD7765 Datasheet HTML 12Page - Analog Devices AD7765 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Preliminary Technical Data
AD7765
Rev. PrC | Page 9 of 21
Pin
Number
Pin Mnemonic
Description
12
SDO
Serial Data Out. Address, Status and Data bits are clocked out on this line during each serial
transfer. Each bit is clocked out on an SCO rising edge and valid on the falling edge. See the
AD7765 Interface section for further details.
13
SDI
Serial Data In. The first data bit (MSB) must be valid on the next SCO falling edge after the FSI
event has been latched. 32 bits are required for each write; the first 16-bit word contains the
device and register address and the second word contains the data. See the AD7765 Interface
section for further details.
14
FSI
Frame Sync In. The status of this pin is checked on the falling edge of SCO. If this pin is low then
the first data bit is latched in on the next SCO falling edge. See the AD7765 Interface section
for further details.
15
SYNC
Synchronization Input. A falling edge on this pin resets the internal filter. This can be used to
synchronize multiple devices in a system. See the AD7765 Interface section for further details.
16
RESET/PWDN
When a logic low is sensed on this pin, the part is powered down and all internal circuitry is
reset.
19
MCLK
Master Clock Input. A low jitter digital clock must be applied to this pin. The output data rate
will depend on the frequency of this clock. See Clocking the AD7765 Section for more details.
18
DEC_RATE
This pin selects which of the two decimation modes the AD7765 operates. When logic high is
applied to this pin, decimate by 128 mode is selected. Decimate by 256 is selected when by
applying logic low to the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com