Electronic Components Datasheet Search
  English  ▼

X  

AD7765 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7765 Datasheet HTML 13Page - Analog Devices AD7765 Datasheet HTML 14Page - Analog Devices AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices AD7765 Datasheet HTML 18Page - Analog Devices AD7765 Datasheet HTML 19Page - Analog Devices AD7765 Datasheet HTML 20Page - Analog Devices AD7765 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Preliminary Technical Data
AD7765
Rev. PrC | Page 17 of 21
DRIVING THE AD7765
The AD7765 has an on-chip differential amplifier. This
amplifier will operate with a supply voltage (AVDD3) from 3V to
5.5V. For a 4.096V reference, the supply voltage must be 5V.
To achieve the specified performance in normal power mode,
the differential amplifier should be configured as a first order
anti-alias filter as shown in Figure 20. Any additional filtering
should be carried out in previous stages using low noise, high-
performance op-amps such as the AD8021.
Suitable component values for the first order filter are listed in
Table 7. Using the first row as an example would yield a 10dB
attenuation at the first alias point of 19MHz.
A1
RIN
RFB
CFB
RIN
RM
RM
CS
RFB
CFB
VIN–
A
B
VIN+
Figure 20. Differential Amplifier Configuration
Table 7.First-Order Filter Component Values
VREF
RIN
RFB
RM
CS
CFB
4.096v
4.75kΩ
3.01kΩ
43Ω
1.2pF
33pF
Figure 21 shows the signal conditioning that occurs using the
circuit in Figure 20 with a ±2.5V input signal biased around
ground using the component values and conditions in Table 7.
The differential amplifier will always bias the output signal to sit
on the optimum common mode of VREF/2, in this case 2.048V.
The signal is also scaled to give the maximum allowable voltage
swing with this reference value. This is calculated as 80% of
VREF, i.e. 0.8 × 4.096V ≈ 3.275V peak to peak on each input.
To obtain maximum performance from the AD7765, it is advisable
to drive the ADC with differential signals. Figure 22 shows how a
bipolar, single-ended signal biased around ground can drive the
AD7765 with the use of an external op amp, such as the AD8021
With a 4.096 V reference, a 5 V supply must be provided to the
reference buffer (AVDD4).
+2.5V
0V
–2.5V
+2.5V
0V
–2.5V
+3.685V
+2.048V
+0.410V
+3.685V
+2.048V
+0.410V
A
VIN+
VIN–
B
Figure 21. Differential Amplifier Signal Conditioning.
A1
RIN
RIN
RFB
RFB
CFB
CFB
VIN-
VIN+
AD8021
R
VIN
2R
2R
CS
Figure 22. Single Ended to Differential Conversion
The AD7765 employs a double sampling front end,as shown in
Figure Figure 23. For simplicity, only the equivalent input
circuitry for VIN+ is shown. The equivalent circuitry for VIN- is
the same.
CS2
CPB2
SS4
SH4
CPA
SS2
SH2
CS1
CPB1
SS3
SH3
SS1
SH1
ANALOG
MODULATOR
VIN+
Figure 23. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com