Electronic Components Datasheet Search
  English  ▼

X  

PCK9446 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCK9446
Description  2.5 V and 3.3 V LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9446 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCK9446 Datasheet HTML 1Page - NXP Semiconductors PCK9446 Datasheet HTML 2Page - NXP Semiconductors PCK9446 Datasheet HTML 3Page - NXP Semiconductors PCK9446 Datasheet HTML 4Page - NXP Semiconductors PCK9446 Datasheet HTML 5Page - NXP Semiconductors PCK9446 Datasheet HTML 6Page - NXP Semiconductors PCK9446 Datasheet HTML 7Page - NXP Semiconductors PCK9446 Datasheet HTML 8Page - NXP Semiconductors PCK9446 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PCK9446_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 April 2006
4 of 17
Philips Semiconductors
PCK9446
2.5 V and 3.3 V LVCMOS clock fan-out buffer
6.
Functional description
Refer to Figure 1 “Logic diagram of PCK9446”.
6.1 Function table
6.2 Supply configurations
[1]
VCC is the positive power supply of the device core and input circuitry. VCC voltage defines the input
threshold and levels.
[2]
VCC(bankA) is the positive power supply of the bank A outputs (VCCA pins). VCC(bankA) voltage defines
bank A output levels.
[3]
VCC(bankB) is the positive power supply of the bank B outputs (VCCB pins). VCC(bankB) voltage defines
bank B output levels. VCCB is internally connected to VCC.
[4]
VCC(bankC) is the positive power supply of the bank C outputs (VCCC pins). VCC(bankC) voltage defines
bank C output levels.
Table 3.
Function table (controls)
Control
Default
Value
0
1
CLK_SEL
0
CLK0
CLK1
FSELA
0
frequency on bank A outputs = fref frequency on bank A outputs = fref ÷ 2
FSELB
0
frequency on bank B outputs = fref frequency on bank B outputs = fref ÷ 2
FSELC
0
frequency on bank C outputs = fref frequency on bank C outputs = fref ÷ 2
MR/OE
0
outputs enabled
internal reset outputs disabled (3-state)
Table 4.
Supported single and dual supply configurations
Supply voltage
configuration
VCC[1]
VCC(bankA)[2]
VCC(bankB)[3]
VCC(bankC)[4]
GND
3.3 V
3.3 V
3.3 V
3.3 V
3.3 V
0 V
mixed voltage supply
3.3 V
3.3 V or 2.5 V
3.3 V
3.3 V or 2.5 V
0 V
2.5 V
2.5 V
2.5 V
2.5 V
2.5 V
0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com