Electronic Components Datasheet Search
  English  ▼

X  

PCK9446 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCK9446
Description  2.5 V and 3.3 V LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9446 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCK9446 Datasheet HTML 2Page - NXP Semiconductors PCK9446 Datasheet HTML 3Page - NXP Semiconductors PCK9446 Datasheet HTML 4Page - NXP Semiconductors PCK9446 Datasheet HTML 5Page - NXP Semiconductors PCK9446 Datasheet HTML 6Page - NXP Semiconductors PCK9446 Datasheet HTML 7Page - NXP Semiconductors PCK9446 Datasheet HTML 8Page - NXP Semiconductors PCK9446 Datasheet HTML 9Page - NXP Semiconductors PCK9446 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PCK9446_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 April 2006
6 of 17
Philips Semiconductors
PCK9446
2.5 V and 3.3 V LVCMOS clock fan-out buffer
9.
Static characteristics
[1]
The PCK9446 is capable of driving 50
Ω transmission lines on the incident edge. Each output can drive one 50 Ω parallel terminated
transmission line to a termination voltage of VT. Alternately, the device drives up to two 50 Ω series terminated transmission lines.
[2]
Input pull-up/pull-down resistors influence input current.
[1]
The PCK9446 is capable of driving 50
Ω transmission lines on the incident edge. Each output can drive one 50 Ω parallel terminated
transmission line to a termination voltage of VT. Alternately, the device drives up to two 50 Ω series terminated transmission lines.
Table 7.
Static characteristics (3.3 V)
Tamb = −40 °C to +85 °C; VCC =VCC(bankA) =VCC(bankB) =VCC(bankC) = 3.3 V ± 5%.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
CLK0, CLK1; LVCMOS
2.0
-
VCC + 0.3
V
VIL
LOW-level input voltage
CLK0, CLK1; LVCMOS
−0.3
-
+0.8
V
VOH
HIGH-level output voltage
IOH = −24 mA
[1] 2.4
-
-
V
VOL
LOW-level output voltage
IOL =24mA
[1] -
-
0.55
V
IOL = 12 mA
-
-
0.30
II
input current
[2] --
±200
µA
Ci
input capacitance
-
4.0
-
pF
CPD
power dissipation capacitance
per output
-
10
-
pF
Iq(max)
maximum quiescent current
all VCCx pins
-
-
0.5
mA
Zo
output impedance
-
(14 to 17)
-
W
VT
termination voltage
output
-
0.5VCC
-V
Table 8.
Static characteristics (2.5 V)
Tamb = −40 °C to +85 °C; VCC =VCC(bankA) =VCC(bankB) =VCC(bankC) = 2.5 V ± 5%.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
LVCMOS
1.7
-
VCC + 0.3
V
VIL
LOW-level input voltage
LVCMOS
−0.3
-
+0.7
V
VOH
HIGH-level output voltage
IOH = −15 mA
[1] 1.8
-
-
V
VOL
LOW-level output voltage
IOL = 15 mA
-
-
0.6
V
II
input current
-
-
±200
µA
Ci
input capacitance
-
4.0
-
pF
CPD
power dissipation capacitance
per output
-
10
-
pF
Iq(max)
maximum quiescent current
all VCCx pins
-
-
0.5
mA
Zo
output impedance
-
(17 to 20)
-
W
VT
termination voltage
output
-
0.5VCC
-V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com