Electronic Components Datasheet Search
  English  ▼

X  

PCK9446 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCK9446
Description  2.5 V and 3.3 V LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9446 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCK9446 Datasheet HTML 3Page - NXP Semiconductors PCK9446 Datasheet HTML 4Page - NXP Semiconductors PCK9446 Datasheet HTML 5Page - NXP Semiconductors PCK9446 Datasheet HTML 6Page - NXP Semiconductors PCK9446 Datasheet HTML 7Page - NXP Semiconductors PCK9446 Datasheet HTML 8Page - NXP Semiconductors PCK9446 Datasheet HTML 9Page - NXP Semiconductors PCK9446 Datasheet HTML 10Page - NXP Semiconductors PCK9446 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PCK9446_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 April 2006
7 of 17
Philips Semiconductors
PCK9446
2.5 V and 3.3 V LVCMOS clock fan-out buffer
10. Dynamic characteristics
[1]
Dynamic (AC) characteristics apply for parallel output termination of 50
Ω to V
T.
Table 9.
Dynamic characteristics (3.3 V)
Tamb = −40 °C to +85 °C; VCC =VCC(bankA) =VCC(bankB) =VCC(bankC) = 3.3 V ± 5%.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fref
reference frequency
input
-
-
250
MHz
fo(max)
maximum output frequency
÷ 1 output; FSELx = 0
0
-
250
MHz
÷ 2 output; FSELx = 1
0
-
125
MHz
δref
reference duty cycle
input
25
-
75
%
tPLH
LOW-to-HIGH propagation delay
CLKn to any Q
1.8
2.4
4.2
ns
tPHL
HIGH-to-LOW propagation delay
CLKn to any Q
2.2
3.1
4.2
ns
tPLZ
LOW to OFF-state propagation delay
-
-
10
ns
tPHZ
HIGH to OFF-state propagation delay
-
-
10
ns
tPZL
OFF-state to LOW propagation delay
-
-
10
ns
tPZH
OFF-state to HIGH propagation delay
-
-
10
ns
tsk(o)
output skew time
output-to-output
within one bank
-
-
150
ps
any output bank,
same output divider
-
-
200
ps
any output,
any output divider
-
-
1.2
ns
tsk(pr)
process skew time
part-to-part
-
-
2.2
ns
tsk(p)
pulse skew time
output
-
-
500
ps
δo
output duty cycle
÷ 1 output; δref = 50 %
45
50
55
%
÷ 2 output; δref = 25 % to 75 %
45
50
55
%
tr
rise time
input; CLK0, CLK1;
0.8 V to 2.0 V
-
-
3.0
ns
output; 0.55 V to 2.4 V
0.1
-
1.0
ns
tf
fall time
input; CLK0, CLK1;
2.0 V to 0.8 V
-
-
3.0
ns
output; 2.4 V to 0.55 V
0.1
-
1.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com