Electronic Components Datasheet Search
  English  ▼

X  

PCK9446 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK9446
Description  2.5 V and 3.3 V LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9446 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK9446 Datasheet HTML 7Page - NXP Semiconductors PCK9446 Datasheet HTML 8Page - NXP Semiconductors PCK9446 Datasheet HTML 9Page - NXP Semiconductors PCK9446 Datasheet HTML 10Page - NXP Semiconductors PCK9446 Datasheet HTML 11Page - NXP Semiconductors PCK9446 Datasheet HTML 12Page - NXP Semiconductors PCK9446 Datasheet HTML 13Page - NXP Semiconductors PCK9446 Datasheet HTML 14Page - NXP Semiconductors PCK9446 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PCK9446_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 10 April 2006
11 of 17
Philips Semiconductors
PCK9446
2.5 V and 3.3 V LVCMOS clock fan-out buffer
12. Test information
14
Ω +22 Ω|| 22 Ω =50 Ω|| 50 Ω
25
Ω =25 Ω
Fig 5.
Optimized dual line termination
Zo = 50 Ω
002aaa709
Rs = 22 Ω
Zo = 50 Ω
Rs = 22 Ω
PCK9446
OUTPUT
BUFFER
14
Ω
IN
Zo = 50 Ω
Ro
Fig 6.
CLK0, CLK1 PCK9446 AC test reference for VCC = 3.3 V and VCC = 2.5 V
Zo = 50 Ω
002aaa710
RT = 50 Ω
VT
Zo = 50 Ω
RT = 50 Ω
VT
PULSE
GENERATOR
Z = 50
Ω
PCK9446
D.U.T.
(1) 2.4 V when VCC = 3.3 V; 1.8 V when VCC = 2.5 V.
(2) 0.55 V when VCC = 3.3 V; 0.6 V when VCC = 2.5 V.
The time from the PLL controlled edge to the
non-controlled edge, divided by the time between
PLL controlled edges, expressed as a percentage.
Fig 7.
Output transition time test reference
Fig 8.
Output duty cycle (
δo)
The pin-to-pin skew is defined as the worst case
difference in a propagation delay between any
similar delay path within a single device.
Fig 9.
Propagation delay (tPD) test reference
Fig 10. Output skew time (tsk(o))
002aab292
tf
(1)
(2)
tr
002aab291
tp
VCC
0.5VCC
GND
To
δo = (tp ÷ To × 100 %)
002aaa712
tPD
Qn
VCC
0.5VCC
GND
CLK0, CLK1
VCC
0.5VCC
GND
002aab289
tsk(o)
VCC
0.5VCC
GND
VCC
0.5VCC
GND
tsk(o)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com