Electronic Components Datasheet Search
  English  ▼

X  

PCK9448 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK9448
Description  3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9448 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK9448 Datasheet HTML 6Page - NXP Semiconductors PCK9448 Datasheet HTML 7Page - NXP Semiconductors PCK9448 Datasheet HTML 8Page - NXP Semiconductors PCK9448 Datasheet HTML 9Page - NXP Semiconductors PCK9448 Datasheet HTML 10Page - NXP Semiconductors PCK9448 Datasheet HTML 11Page - NXP Semiconductors PCK9448 Datasheet HTML 12Page - NXP Semiconductors PCK9448 Datasheet HTML 13Page - NXP Semiconductors PCK9448 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
9397 750 12534
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
10 of 20
Philips Semiconductors
PCK9448
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
9.
Application information
9.1 Driving transmission lines
The PCK9448 clock driver was designed to drive high speed signals in a terminated
transmission line environment. To provide the optimum flexibility to the user, the output
drivers were designed to exhibit the lowest impedance possible. With an output
impedance of 17
Ω (V
CC = 3.3 V), the outputs can drive either parallel or series
terminated transmission lines.
In most high performance clock networks, point-to-point distribution of signals is the
method of choice. In a point-to-point scheme, either series terminated or parallel
terminated transmission lines can be used. The parallel technique terminates the signal at
the end of the line with a 50
Ω resistance to 0.5V
CC. This technique draws a fairly high
level of DC current, and thus only a single terminated line can be driven by each output of
the PCK9448 clock driver. For the series terminated case, however, there is no DC current
draw, thus the outputs can drive multiple series terminated lines. Figure 12, illustrates an
output driving a single series terminated line versus two series terminated lines in parallel.
When taken to its extreme, the fan-out of the PCK9448 clock driver is effectively doubled
due to its capability to drive multiple lines.
Fig 12. Single versus dual transmission lines
Zo = 50 Ω
002aaa722
Rs = 33 Ω
Zo = 50 Ω
Rs = 33 Ω
PCK9448
OUTPUT
BUFFER
OutB1
OutB0
17
Ω
Zo = 50 Ω
Rs = 33 Ω
PCK9448
OUTPUT
BUFFER
OutA
17
Ω
IN
IN
Ro
Ro



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com