Electronic Components Datasheet Search
  English  ▼

X  

PCK9448 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK9448
Description  3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9448 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK9448 Datasheet HTML 7Page - NXP Semiconductors PCK9448 Datasheet HTML 8Page - NXP Semiconductors PCK9448 Datasheet HTML 9Page - NXP Semiconductors PCK9448 Datasheet HTML 10Page - NXP Semiconductors PCK9448 Datasheet HTML 11Page - NXP Semiconductors PCK9448 Datasheet HTML 12Page - NXP Semiconductors PCK9448 Datasheet HTML 13Page - NXP Semiconductors PCK9448 Datasheet HTML 14Page - NXP Semiconductors PCK9448 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
9397 750 12534
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
11 of 20
Philips Semiconductors
PCK9448
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
The waveform plots of Figure 13 show simulation results of an output driving a single line
versus two lines. In both cases the drive capability of the PCK9448 output buffer is more
than sufficient to drive 50
Ω transmission lines on the incident edge. Note from the delay
measurement in the simulations a delta of only 43 ps exists between the two differently
loaded outputs. This suggests that the dual line driving need not be used exclusively to
maintain the tight output-to-output skew of the PCK9448. The output waveform in
Figure 13 shows a step in the waveform; this step is caused by the impedance mismatch
seen looking into the driver. The parallel combination of the 33
Ω series resistor plus the
output impedance does not match the parallel combination of the line impedances. The
voltage wave launched down the two lines will equal:
At the load end the voltage will double, due to the near unity reflection coefficient, to 2.5 V.
It will then increment towards the quiescent 3.0 V in steps separated by one round trip
delay (in this case 4.0 ns).
Since this step is well above the threshold region it will not cause any false clock
triggering, however designers may be uncomfortable with unwanted reflections on the
line. To better match the impedances when driving multiple lines, the situation in Figure 14
should be used. In this case the series terminating resistors are reduced such that when
the parallel combination is added to the output buffer impedance the line impedance is
perfectly matched.
Fig 13. Single versus dual line termination waveforms
V
L
V
S
Z
o
R
s
R
o
Z
o
++
------------------------------


=
Z
o
50
Ω 50 Ω
R
s
33
Ω 33 Ω
R
o
17
Ω
=
||
=
||
=
V
L
3.0
25
16.5
17
25
++
-----------------------------------


1.28 V
=
=
time (ns)
016
12
48
002aaa679
3.0
voltage
(V)
−0.5
0
1.0
2.0
IN
OutA
td = 3.8956 ns
OutB
td = 3.9386 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com