Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7991 Datasheet HTML 3Page - Analog Devices AD7991 Datasheet HTML 4Page - Analog Devices AD7991 Datasheet HTML 5Page - Analog Devices AD7991 Datasheet HTML 6Page - Analog Devices AD7991 Datasheet HTML 7Page - Analog Devices AD7991 Datasheet HTML 8Page - Analog Devices AD7991 Datasheet HTML 9Page - Analog Devices AD7991 Datasheet HTML 10Page - Analog Devices AD7991 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Preliminary Technical Data
AD7991/AD7995/AD7999
Rev. PrB | Page 7 of 25
AD7999 SPECIFICATIONS
Temperature range for Y version is −40°C to +125°C. Unless otherwise noted, VDD = 2.7 V to 5.5 V; fSCL = 3.4 Mhz Unless otherwise noted;
TA = TMIN to TMAX.
Table 4.
Parameter
Y Version
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE1
FIN = 10 kHz sine wave for fSCL from 1.7 MHz to
3.4 MHz
FIN = 1 kHz sine wave for fSCL up to 400 kHz
Signal-to-Noise + Distortion (SINAD)2
49
dB min
Total Harmonic Distortion (THD)2
–65
dB max
Peak Harmonic or Spurious Noise (SFDR)2
–65
dB max
Intermodulation Distortion (IMD)2
fa = 10.1 kHz, fb = 9.9 kHz for fSCL from 1.7 MHz
to 3.4 MHz
fa = 1.1 kHz, fb = 0.9 kHz for fSCL up to 400 kHz
Second Order Terms
–76
dB typ
Third Order Terms
–76
dB typ
Channel-to-Channel Isolation2
-90
dB typ
FIN = 108 Hz; see the Terminology section
Full Power Bandwidth2
11
MHz typ
@ 3 dB
2
MHz typ
@ 0.1 dB
DC ACCURACY
Resolution
8
Bits
Integral Nonlinearity1, 2
±0.3
LSB max
Differential Nonlinearity1, 2
±0.3
LSB max
Guaranteed no missed codes to 8 bits
Offset Error2
±0.5
LSB max
Offset Error Matching
±0.3
LSB max
Offset Temperature drift
TBD
ppm/°C typ
Gain Error2
±0.3
LSB max
Gain Error Matching
±0.3
LSB max
Gain Temperature drift
TBD
ppm/°C typ
ANALOG INPUT
Input Voltage Range
0 to REFIN
V
When Vin3/VREF = VIN3, Vref = VDD
DC Leakage Current
±1
µA max
Input Capacitance
30
pF typ
REFERENCE INPUT
REFIN Input Voltage Range
1.2 to VDD
V min/V max
DC Leakage Current
±1
µA max
REFIN Input Capacitance
30
pF typ
Input Impedance
69
kΩ typ
LOGIC INPUTS (SDA, SCL)
Input High Voltage, VINH
0.7 (VDD)
V min
Input Low Voltage, VINL
0.3 (VDD)
V max
Input Leakage Current, IIN
±1
µA max
VIN = 0 V or VDD
Input Capacitance, CIN3
10
pF max
Input Hysteresis, VHYST
0.1 (VDD)
V min
LOGIC OUTPUTS (OPEN DRAIN)
Output Low Voltage, VOL
0.4
V max
ISINK = 3 mA
0.6
V max
ISINK = 6 mA
Floating-State Leakage Current
±1
µA max
Floating-State Output Capacitance3
10
pF max
Output Coding
Straight (Natural) Binary
THROUGHPUT RATE
See the Serial Interface section
18 * (1/fSCL)
us max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com