Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7991 Datasheet HTML 13Page - Analog Devices AD7991 Datasheet HTML 14Page - Analog Devices AD7991 Datasheet HTML 15Page - Analog Devices AD7991 Datasheet HTML 16Page - Analog Devices AD7991 Datasheet HTML 17Page - Analog Devices AD7991 Datasheet HTML 18Page - Analog Devices AD7991 Datasheet HTML 19Page - Analog Devices AD7991 Datasheet HTML 20Page - Analog Devices AD7991 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
Preliminary Technical Data
AD7991/AD7995/AD7999
Rev. PrB | Page 17 of 25
For ac applications, removing high frequency components from
the analog input signal is recommended by use of an RC band-
pass filter on the relevant analog input pin. In applications
where harmonic distortion and signal-to-noise ratio are critical,
the analog input should be driven from a low impedance
source. Large source impedances significantly affect the ac
performance of the ADC. This may necessitate the use of an
input buffer amplifier. The choice of the op amp is a function
of the particular application.
When no amplifier is used to drive the analog input, the source
impedance should be limited to low values. The maximum
source impedance depends on the amount of total harmonic
distortion (THD) that can be tolerated. THD increases as the
source impedance increases, and performance degrades. Figure
14 and Figure 15 shows the THD vs. the analog input signal
frequency for different source impedances. at 3V and 5V
respectively.
Figure 14. THD vs Analog Input Frequency for various source
Impedances for VDD = 3V
Figure 15. THD vs Analog Input Frequency for various source
Impedances for VDD = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com