Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7991 Datasheet HTML 12Page - Analog Devices AD7991 Datasheet HTML 13Page - Analog Devices AD7991 Datasheet HTML 14Page - Analog Devices AD7991 Datasheet HTML 15Page - Analog Devices AD7991 Datasheet HTML 16Page - Analog Devices AD7991 Datasheet HTML 17Page - Analog Devices AD7991 Datasheet HTML 18Page - Analog Devices AD7991 Datasheet HTML 19Page - Analog Devices AD7991 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD7991/AD7995/AD7999
Preliminary Technical Data
Rev.PrB | Page 16 of 25
TYPICAL CONNECTION DIAGRAM
Figure 13 shows the typical connection diagram for the
AD7991/AD7995/AD7999.
The reference voltage can be taken from the supply voltage VDD.
However, the AD7991/AD7995/AD7999 can be configured to
be a three-channel device with the reference voltage applied to
the VIN3/REFIN pin.
SDA and SCL form the 2-wire I2C compatible interface.
External pull-up resisters are required for both SDA and SCL
lines.
The AD7991/AD7995/AD7999-0 and the
AD7991/AD7995/AD7999-1 both support the standard, fast
and high speed I2C interface modes. Both the -0 and the -1
device will have an independent I2C address. This will allow
both device to connect to the same I2C bus without any
contention issues.
Wake up from power-down prior to a conversion is
approximately 1 µs, and conversion time is approximately 2 µs.
The AD7991/AD7995/AD7999 enters shutdown mode again
after each conversion, which is useful in applications where
power consumption is a concern.
ANALOG INPUT
Figure 12 shows an equivalent circuit of the
AD7991/AD7995/AD7999 analog input structure. The two
diodes, D1 and D2, provide ESD protection for the analog
inputs. Care must be taken to ensure that the analog input
signal does not exceed the supply rails
by more than 300 mV. This causes these diodes to become
forward-biased and start conducting current into the substrate.
These diodes can conduct a maximum current of 10 mA
without causing irreversible damage to the part.
VIN
D1
VDD
D2
R1
C2
30pF
C1
4pF
CONVERSION PHASE - SWITCH OPEN
TRACK PHASE - SWITCH CLOSED
Figure 12. Equivalent Analog Input Circuit
Capacitor C1 in Figure 12 is typically about 4 pF and can
primarily be attributed to pin capacitance. Resistor R1 is a
lumped component made up of the on resistance (RON) of
a track-and-hold switch, and also the RON of the input multi-
plexer. The total resistor is typically about 400 Ω. C2, the ADC
sampling capacitor, has a typical capacitance of 30 pF.
VDD
VIN0
GND
+5V SUPPLY
0.1µF
10µF
AD7991/
AD7995/
AD7999
SDA
µC/µP
SCL
TWO WIRE SERIAL
INTERFACE
RP
RP
VIN3/Vref
VIN1
VIN2
Figure 13. AD7991/AD7995/AD7999 Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com