Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7991 Datasheet HTML 8Page - Analog Devices AD7991 Datasheet HTML 9Page - Analog Devices AD7991 Datasheet HTML 10Page - Analog Devices AD7991 Datasheet HTML 11Page - Analog Devices AD7991 Datasheet HTML 12Page - Analog Devices AD7991 Datasheet HTML 13Page - Analog Devices AD7991 Datasheet HTML 14Page - Analog Devices AD7991 Datasheet HTML 15Page - Analog Devices AD7991 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD7991/AD7995/AD7999
Preliminary Technical Data
Rev.PrB | Page 12 of 25
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD7991/
AD7995/
AD7999
TOP VIEW
1
2
3
4
5
6
7
8
SDA
SCL
GND
(Not to Scale)
VDD
VIN3/VREF
VIN2
VIN1
VIN0
Figure 3.AD7991/AD7995/AD7999 Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
SCL
Digital Input. Serial bus clock. External pull-up resistor required.
2
SDA
Digital I/O. Serial bus bidirectional data. Open-drain output. External pull-up resistor required.
3
VIN0
Analog Input 1. Single-ended analog input channel. The input range is 0 V to Vref.
4
VIN1
Analog Input 2. Single-ended analog input channel. The input range is 0 V to Vref.
5
VIN2
Analog Input 3. Single-ended analog input channel. The input range is 0 V to Vref.
6
VIN3/VREF
Analog Input 4. Single-ended analog input channel. The input range is 0 V to Vref. Can also be used to input an
external Vref signal.
7
GND
Analog Ground. Ground reference point for all circuitry on the AD7991/AD7995/AD7999. All analog input
signals should be referred to this AGND voltage.
8
VDD
Power Supply Input. The VDD range for the AD7991/AD7995/AD7999 is from 2.7 V to 5.5 V.
Table 8. I2C Address Selection
Part Number
I2C Address
AD7991 -0
010 1000
AD7991-1
010 1001
AD7995-0
010 1000
AD7995-1
010 1001
AD7999-0
010 1000
AD7999-1
010 1001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com