Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7991 Datasheet HTML 15Page - Analog Devices AD7991 Datasheet HTML 16Page - Analog Devices AD7991 Datasheet HTML 17Page - Analog Devices AD7991 Datasheet HTML 18Page - Analog Devices AD7991 Datasheet HTML 19Page - Analog Devices AD7991 Datasheet HTML 20Page - Analog Devices AD7991 Datasheet HTML 21Page - Analog Devices AD7991 Datasheet HTML 22Page - Analog Devices AD7991 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Preliminary Technical Data
AD7991/AD7995/AD7999
Rev. PrB | Page 19 of 25
is excessive activity on the interface lines, this may have the effect of increasing the overall conversion time. However, if bit trial delays
extend longer than 1 µs, the conversion terminates.
When Bits D0 and D1 are both 0, the bit trial and sample interval delaying mechanism is implemented. The default setting of D0 and D1
is 0. To turn off both delay mechanisms, set D0 and D1 to 1.
CONVERSION RESULT REGISTER
The conversion result register is a 16-bit read-only register that stores the conversion result from the ADC in straight binary format. A 2-
byte read is necessary to read data from this register. Table 12 shows the contents of the first byte to be read, from
AD7991/AD7995/AD7999 and Table 13 shows the contents of the second byte to be read.
Table 12. Conversion Value Register (First Read)
D15
D14
D13
D12
D11
D10
D9
D8
Leading Zero
Leading Zero
CHID1
CHID0
MSB
B10
B9
B8
Table 13. Conversion Value Register (Second Read)
D7
D6
D5
D4
D3
D2
D1
D0
B7
B6
B5
B4
B3 /0
B2 /0
B1/0
B0/0
The AD7991/AD7995/AD7999 conversion result consists of 2 leading zeros, two channel identifier bits, and the 12-/10-/8- bit data result.
For the AD7995, the 2 LSB (D1 and D0) of the second read contain two trailing 0s. For the AD7999, the 4 LSB (D3, D2, D1 and D0) of
the second read contain 4 trailing zeros



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com