Electronic Components Datasheet Search
  English  ▼

X  

AD7991 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7991
Description  4-Channel, 12-/10-/8-Bit ADC with I2CCompatible Interface in 8-Lead SOT23
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7991 Datasheet(HTML) 1 Page - Analog Devices

  AD7991 Datasheet HTML 1Page - Analog Devices AD7991 Datasheet HTML 2Page - Analog Devices AD7991 Datasheet HTML 3Page - Analog Devices AD7991 Datasheet HTML 4Page - Analog Devices AD7991 Datasheet HTML 5Page - Analog Devices AD7991 Datasheet HTML 6Page - Analog Devices AD7991 Datasheet HTML 7Page - Analog Devices AD7991 Datasheet HTML 8Page - Analog Devices AD7991 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
4-Channel, 12-/10-/8-Bit ADC with I2C-
Compatible Interface in 8-Lead SOT23
Preliminary Technical Data
AD7991/AD7995/AD7999
Rev. PrB
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
12-/10-/8-bit ADC with fast conversion time: 2 µs typ
4 Channel / 3 Channel with Reference input
Specified for VDD of 2.7 V to 5.5 V
Sequencer operation
Temperature Range: -40 °C to 125 °C
I2C®-compatible serial interface supports standard, fast,
and High-speed modes
2 versions allow 2 I2C addresses
Low power consumption
Shutdown mode: 1 µA max
8-lead SOT23 package
APPLICATIONS
System Monitoring
Battery Powered Systems
Data Acquisition
Medical Instruments
FUNCTIONAL BLOCK DIAGRAM
T/H
I/P
MUX
VIN0
VDD
12-/10-/8-BIT
SAR
ADC
SCL
SDA
GND
VIN1
AD7991/7995/7999
CONTROL
LOGIC &
I2C
INTERFACE
VIN2
VIN3/Vref
Figure 1.
GENERAL DESCRIPTION
The AD7991/AD7995/AD7999 are 12-/10-/8-bit, low power,
successive approximation ADCs with an I2C-compatible
interface. The parts operate from a single 2.7 V to 5.5 V power
supply and feature a 2 µs conversion time. The part contains a
4-channel multiplexer and track-and-hold amplifier that can
handle input frequencies up to 11 MHz.
The AD7991/AD7995/AD7999 provides a 2-wire serial
interface compatible with I2C interfaces. The parts come in two
versions with each part having an individual I2C address. This
will allow two of the same devices be connected to the same I2C
bus. Both parts support standard, fast and high-speed I2C
interface modes
The AD7991/AD7995/AD7999 normally remain in a shutdown
state while not converting, and power up only for conversions.
The conversion process is controlled by a command mode,
where every time an I2C read operation is executed on the
AD7991/AD7995/AD7999, a conversion is performed and the
result is returned on the I2C bus.
The reference for the part is taken from VDD, this allows the
widest dynamic input range to the ADC. Thus the analog input
range to the ADC is 0V to VDD. An external reference may also
be used with this part. The external reference may be applied
through the Ain3 input.
PRODUCT HIGHLIGHTS
1.
4 single ended analog input channels, with the option of
having 3 single ended analog input channels and 1
reference input channel.
2.
I2C compatible serial Interface. Standard, Fast and Hs-
Modes
3.
Automatic shutdown.
4.
Reference derived from the power supply or external
reference.
5.
8-lead SOT23 Package.
Table 1 Related Devices
Device Number
Resolution
Input Channels
AD7998
12
8
AD7997
10
8
AD7994
12
4
AD7993
10
4
AD7992
12
2


Similar Part No. - AD7991

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7991 AD-AD7991 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
AD7991 AD-AD7991 Datasheet
751Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991YRJZ-0500RL7 AD-AD7991YRJZ-0500RL7 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
AD7991YRJZ-0500RL7 AD-AD7991YRJZ-0500RL7 Datasheet
751Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991YRJZ-0RL AD-AD7991YRJZ-0RL Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
More results

Similar Description - AD7991

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7997 AD-AD7997 Datasheet
1Mb / 32P
8-Channel, 10- and 12-Bit ADCs with I2CCompatible
9/04-Revision 0
logo
Burr-Brown (TI)
ADS5273 BURR-BROWN-ADS5273 Datasheet
254Kb / 16P
8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Analog Devices
AD7991 AD-AD7991_07 Datasheet
792Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
12/07-Revision 0
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
8-Channel, 12-Bit SAR ADC with I2C Interface
logo
Analog Devices
AD7991 AD-AD7991_09 Datasheet
751Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with I2C-Compatible Interface in 8-Lead SOT-23
REV. A
AD7991 AD-AD7991_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7995 AD-AD7995_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
AD7999 AD-AD7999_15 Datasheet
607Kb / 28P
4-Channel, 12-/10-/8-Bit ADC with IC-Compatible Interface in 8-Lead SOT-23
REV. B
logo
Linear Technology
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
8-Channel, 12-Bit SAR ADC with IC Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com