Electronic Components Datasheet Search
  English  ▼

X  

AD8159 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8159
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8159 Datasheet HTML 3Page - Analog Devices AD8159 Datasheet HTML 4Page - Analog Devices AD8159 Datasheet HTML 5Page - Analog Devices AD8159 Datasheet HTML 6Page - Analog Devices AD8159 Datasheet HTML 7Page - Analog Devices AD8159 Datasheet HTML 8Page - Analog Devices AD8159 Datasheet HTML 9Page - Analog Devices AD8159 Datasheet HTML 10Page - Analog Devices AD8159 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8159
Rev. A | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = +3.3 V, VEE = 0 V, RL = 50 Ω, basic configuration, data rate = 3.2 Gbps, input common-mode voltage = 2.7 V, differential input
swing = 800 mV p-p, TA = 25°C, unless otherwise noted.
Note: All graphs were generated using the setup shown in Figure 32, unless otherwise specified.
0
–16
0
1.0
TIME (Unit Interval)
–2
–4
–6
–8
–10
–12
–14
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
39.0625ps/DIV
Figure 6. Output Port A Bathtub Curve 3.2 Gbps
Figure 3. Output Port A Eye Diagram 3.2 Gbps
Input Port A or Input Port C
0
–16
0
1.0
TIME (Unit Interval)
–2
–4
–6
–8
–10
–12
–14
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
39.0625ps/DIV
Figure 7. Output Port B Bathtub Curve 3.2 Gbps
Figure 4. Output Port B Eye Diagram
Input Port B or Input Port C
0
–16
01
TIME (Unit Interval)
.0
–2
–4
–6
–8
–10
–12
–14
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
39.0625ps/DIV
Figure 5. Output Port C Eye Diagram 3.2 Gbps
Input Port A or Input Port B
Figure 8. Output Port C Bathtub Curve 3.2 Gbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com