Electronic Components Datasheet Search
  English  ▼

X  

AD8159 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8159
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159 Datasheet(HTML) 1 Page - Analog Devices

  AD8159 Datasheet HTML 1Page - Analog Devices AD8159 Datasheet HTML 2Page - Analog Devices AD8159 Datasheet HTML 3Page - Analog Devices AD8159 Datasheet HTML 4Page - Analog Devices AD8159 Datasheet HTML 5Page - Analog Devices AD8159 Datasheet HTML 6Page - Analog Devices AD8159 Datasheet HTML 7Page - Analog Devices AD8159 Datasheet HTML 8Page - Analog Devices AD8159 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
3.2 Gbps
Quad Buffer Mux/Demux
AD8159
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Port level 2:1 mux/1:2 demux
Each port consists of 4 lanes
Each lane runs from dc to 3.2 Gbps, independent
of the other lanes
Compensates over 40 inches of FR4 at 3.2 Gbps through
two levels of input equalization, or four levels of output
pre-emphasis
Accepts ac- or dc-coupled differential CML inputs
Low deterministic jitter, typically 20 ps p-p
Low random jitter, typically 1 ps rms
BER < 10-16
On-chip termination
Reversible inputs and outputs on one port
Unicast or bicast on 1:2 demux function
Port level loopback capability
Single lane switching capability
3.3 V core supply
Flexible I/O supply down to 2.5 V
Low power, typically 1 W in basic configuration
100-pin TQFP_EP
−40°C to +85°C operating temperature range
APPLICATIONS
Low cost redundancy switch
SONET OC48/SDH16 and lower data rates
XAUI (10 Gigabit Ethernet) over backplane
Gigabit Ethernet over backplane
Fibre channel 1.06 Gbps and 2.125 Gbps over backplane
Infiniband over backplane
PCI-Express over backplane
GENERAL DESCRIPTION
The AD8159 is an asynchronous, protocol agnostic, quad-lane
2:1 switch with a total of 12 differential PECL/CML-compatible
inputs and 12 differential CML outputs. The operation of this
product is optimized for NRZ signaling with data rates up to
3.2 Gbps per lane. Each lane offers two levels of input
equalization and four levels of output pre-emphasis.
The AD8159 consists of four multiplexers and four demulti-
plexers, one per lane. Each port is a 4-lane link, and each lane
runs up to a 3.2 Gbps data rate independent of the other lanes.
The lanes are switched independently using the four select pins,
SEL[3:0]; each select pin controls one lane of the port. The
AD8159 has low latency and very low lane-to-lane skew.
FUNCTIONAL BLOCK DIAGRAM
IN_B[3:0]
OUT_B[3:0]
TRANSMIT
PRE-
EMPHASIS
QUAD
2:1
MULTIPLEXER/
1:2
DEMULTIPLEXER
RECEIVE
EQUALIZATION
CONTROL
LOGIC
TRANSMIT
PRE-
EMPHASIS
RECEIVE
EQUALIZATION
I/O
CROSS-
OVER
SWITCH
OUT_C[3:0]/
IN_C[3:0]
IN_C[3:0]/
OUT_C[3:0]
LB_A
LB_B
LB_C
PE_A[1:0]
PE_B[1:0]
PE_C[1:0]
EQ_A
EQ_B
EQ_C
SEL[3:0]
BICAST
REVERSE_C
OUT_A[3:0]
IN_A[3:0]
2:1
1:2
EQ
EQ
EQ
AD8159
Figure 1.
The main application of the AD8159 is to support redundancy
on both the backplane side and the line interface side of a serial
link. The device has unicast and bicast capability, so it is
configurable to support either 1 + 1 or 1:1 redundancy.
The AD8159 supports reversing the output and input pins on
one of its ports, which helps to connect two ASICs with
opposite pinouts.
The AD8159 is also used for testing high speed serial links by
duplicating incoming data and sending it to the destination port
and to test equipment simultaneously.


Similar Part No. - AD8159

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
logo
List of Unclassifed Man...
AD815 ETC1-AD815 Datasheet
141Kb / 1P
SILICON DUAL DIFFERNTIAL AMPLIFIER TRANSISTORS
logo
Analog Devices
AD815 AD-AD815 Datasheet
362Kb / 16P
High Output Current Differential Driver
REV. C
AD815-EB AD-AD815-EB Datasheet
333Kb / 16P
High Output Current Differential Driver
REV.B
AD8150 AD-AD8150 Datasheet
995Kb / 35P
33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV.0
More results

Similar Description - AD8159

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
Quad 2:1 Mux/Demux VSwitch
logo
Pericom Semiconductor C...
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
Quad 2:1 MUX/DEMUX BusSwitch
logo
Analog Devices
AD8153 AD-AD8153_07 Datasheet
708Kb / 24P
3.2 Gbps Single Buffered Mux/Demux Switch
REV. 0
AD8158 AD-AD8158 Datasheet
707Kb / 36P
6.5 Gbps Quad Buffer Mux/Demux
REV. 0
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
Quad 2:1 Mux/DeMux
logo
Analog Devices
AD8155 AD-AD8155 Datasheet
1Mb / 36P
6.5 Gbps Dual Buffer Mux/Demux
REV. 0
logo
Pericom Semiconductor C...
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
Quad 2 1 Mux/DeMux BusSwitch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com