Electronic Components Datasheet Search
  English  ▼

X  

AD8159 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8159
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8159 Datasheet HTML 15Page - Analog Devices AD8159 Datasheet HTML 16Page - Analog Devices AD8159 Datasheet HTML 17Page - Analog Devices AD8159 Datasheet HTML 18Page - Analog Devices AD8159 Datasheet HTML 19Page - Analog Devices AD8159 Datasheet HTML 20Page - Analog Devices AD8159 Datasheet HTML 21Page - Analog Devices AD8159 Datasheet HTML 22Page - Analog Devices AD8159 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8159
Rev. A | Page 19 of 24
INTERFACING TO THE AD8159
TERMINATION STRUCTURES
For output ports, there are two 50 Ω resistors connected to the
termination supply. Note that the differential input resistance
for both structures is the same, 100 Ω.
To determine the best strategy for connecting to the high speed
pins of the AD8159, the user must first be familiar with the on-
chip termination structures. The AD8159 contains two types of
these structures (see
INPUT COMPLIANCE
Figure 41 and Figure 42): one type for input
and bidirectional ports and one type for output ports.
The range of allowable input voltages is determined by the
fundamental limitations of the active input circuitry. This range
of signals is normally a function of the common-mode level of
the input signal, the signal swing, and the supply voltage. For a
given input signal swing, there is a range of common-mode
voltages that keeps the high and low voltage excursions within
acceptable limits. Similarly, for a given common-mode input
voltage there is a maximum acceptable input signal swing.
There is also a minimum signal swing that the active input
circuitry can resolve reliably.
54.5Ω
54.5Ω
1173Ω
VTTI/VTTIO/VTTOI
N
P
Figure 41. Termination Structure: Input and Bidirectional Ports
50Ω
50Ω
VTTO
PN
Figure 22 and Figure 25 summarize the input voltage ranges for
all ports. Note that the input range is different when comparing
bidirectional ports to strictly input ports. This is a consequence
of the additional circuitry required to support the bidirectional
feature on Port C.
Figure 42. Output Ports
For input and bidirectional ports, the termination structure
consists of two 54.5 Ω resistors connected to a termination
supply and an 1173 Ω resistor connected across the differential
inputs, the latter being a result of the finite differential input
impedance of the equalizer.
AC Coupling
One way to simplify the input circuit and make it compatible
with a wide variety of driving devices is to use ac coupling. This
has the effect of isolating the dc common-mode levels of the
driver and the AD8159 input circuitry. AC coupling requires a
capacitor in series with each single-ended input signal, as shown
in Figure 43. This should be done in a manner that does not
interfere with the high speed signal integrity of the PCB.
50Ω
50Ω
VCC
VCC
54.5Ω
VTTI/VTTIO
DRIVER
AD8159
54.5Ω
VEE
1173Ω
CP
CN
IP
IN
Figure 43. AC-Coupling Input Signal of AD8159



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com