Electronic Components Datasheet Search
  English  ▼

X  

AD8159 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8159
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8159 Datasheet HTML 8Page - Analog Devices AD8159 Datasheet HTML 9Page - Analog Devices AD8159 Datasheet HTML 10Page - Analog Devices AD8159 Datasheet HTML 11Page - Analog Devices AD8159 Datasheet HTML 12Page - Analog Devices AD8159 Datasheet HTML 13Page - Analog Devices AD8159 Datasheet HTML 14Page - Analog Devices AD8159 Datasheet HTML 15Page - Analog Devices AD8159 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8159
Rev. A | Page 12 of 24
EVALUATION BOARD SIMPLIFIED BLOCK DIAGRAMS
AD8159
INPUT A
OUTPUT C
VTTI/
VTTIO
VCC
VTTO/
VTTOI
VEE
3.3V
AD8159-EVAL-AC
AC-COUPLED
EVALUATION BOARD
INPUT B
INPUT C
OUTPUT A
OUTPUT B
A
B
C
C
A
B
AD8159
AC-COUPLED
EVALUATION BOARD
5"
5"
100Ω DIFF.
TRACE
100Ω DIFF.
TRACE
100Ω DIFF.
TRACE
0.1µF
0.1µF
0.1µF
100Ω DIFF.
TRACE
0.1µF
100Ω DIFF.
TRACE
0.1µF
100Ω DIFF.
TRACE
0.1µF
Figure 29. AC-Coupled Evaluation Board Simplified Block Diagram
AD8159
INPUT A
OUTPUT C
VTTI/
VTTIO
VCC
VTTO/
VTTOI
VEE
AD8159-EVAL-DC
DC-COUPLED
EVALUATION BOARD
INPUT B
INPUT C
OUTPUT A
OUTPUT B
A
B
C
C
A
B
AD8159
DC-COUPLED
EVALUATION BOARD
5"
5"
–3.3V
100Ω DIFF.
TRACE
100Ω DIFF.
TRACE
100Ω DIFF.
TRACE
100Ω DIFF.
TRACE
100Ω DIFF.
TRACE
100Ω DIFF.
TRACE
Figure 30. DC-Coupled Evaluation Board Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com