Electronic Components Datasheet Search
  English  ▼

X  

AD8159 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8159
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8159 Datasheet HTML 12Page - Analog Devices AD8159 Datasheet HTML 13Page - Analog Devices AD8159 Datasheet HTML 14Page - Analog Devices AD8159 Datasheet HTML 15Page - Analog Devices AD8159 Datasheet HTML 16Page - Analog Devices AD8159 Datasheet HTML 17Page - Analog Devices AD8159 Datasheet HTML 18Page - Analog Devices AD8159 Datasheet HTML 19Page - Analog Devices AD8159 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8159
Rev. A | Page 16 of 24
Table 6. IN_C Port Input Equalization Settings
Table 10. OUT_A Port Output Pre-Emphasis Settings
EQ_C
EQ
Typical Backplane Length
Typical
Backplane
Length
0
6 dB
0 to 20 inches
PE_A[1]
PE_A[0]
PE
Overshoot
1
12 dB
20 to 40+ inches
0
0
0 dB
0%
0 to 10 inches
Table 7. IN_A Port Input Equalization Settings
EQ_A
EQ
Typical Backplane Length
0
6 dB
0 to 20 inches
1
12 dB
20 to 40+ inches
Table 8. IN_B Port Input Equalization Settings
EQ_B
EQ
Typical Backplane Length
0
6 dB
0 to 20 inches
1
12 dB
20 to 40+ inches
Table 9. OUT_C Port Output Pre-Emphasis Settings
PE_C[1]
PE_C[0]
PE
Overshoot
Typical
Backplane
Length
0
0
0 dB
0%
0 to 10 inches
0
1
1.9 dB
15%
10 to 20 inches
1
0
3.5 dB
35%
20 to 30 inches
1
1
4.9 dB
60%
30 to 40+ inches
0
1
1.9 dB
15%
10 to 20 inches
1
0
3.5 dB
35%
20 to 30 inches
1
1
4.9 dB
60%
30 to 40+ inches
Table 11. OUT_B Port Output Pre-Emphasis Settings
Typical
Backplane
Length
PE_B[1]
PE_B[0]
PE
Overshoot
0
0
0 dB
0%
0 to 10 inches
0
1
1.9 dB
15%
10 to 20 inches
1
0
3.5 dB
35%
20 to 30 inches
1
1
4.9 dB
60%
30 to 40+ inches
LOOPBACK
The AD8159 also supports port level loopback, illustrated in
Figure 36. The loopback control pins override the lane select
(SEL[3:0]) and bicast control (BICAST) pins. Table 12 summa-
rizes the different loopback configurations.
X4
X4
X4
X4
X4
X4
1:2 DEMUX
OUT_A[3:0]
OUT_B[3:0]
IN_B[3:0]
IN_A[3:0]
PORT C LOOPBACK
PORT A LOOPBACK
PORT B LOOPBACK
2:1 MUX
IN_C[3:0]
OUT_C[3:0]
Figure 36. Port-Based Loopback Capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com