Electronic Components Datasheet Search
  English  ▼

X  

AD8159 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8159
Description  3.2 Gbps Quad Buffer Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8159 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8159 Datasheet HTML 6Page - Analog Devices AD8159 Datasheet HTML 7Page - Analog Devices AD8159 Datasheet HTML 8Page - Analog Devices AD8159 Datasheet HTML 9Page - Analog Devices AD8159 Datasheet HTML 10Page - Analog Devices AD8159 Datasheet HTML 11Page - Analog Devices AD8159 Datasheet HTML 12Page - Analog Devices AD8159 Datasheet HTML 13Page - Analog Devices AD8159 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8159
Rev. A | Page 10 of 24
–2ps
0s
–3ps
3ps
2ps
–1ps
1ps
100
0
1.0
3.6
DATA RATE (Gbps)
90
80
70
60
50
40
30
20
10
1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0 3.2 3.4
Figure 24. Random Jitter Histogram
Note: See
Figure 21. Deterministic Jitter vs. Data Rate
Figure 35 for Test Circuit Used
100
0
04
INPUT COMMON-MODE VOLTAGE (V)
100
0
0
2000
DIFFERENTIAL INPUT SWING (mV p-p)
90
80
70
60
50
40
30
20
10
200
400
600
800 1000 1200 1400 1600 1800
INPUT C
INPUT A/B
VICM = 2.7V
.0
90
80
70
60
50
40
30
20
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
DIFFERENTIAL INPUT SWING = 800mV p-p
INPUT A/B
INPUT C
Figure 22. Deterministic Jitter vs. Differential Input Swing
Figure 25. Deterministic Jitter vs. Input Common-Mode Voltage
100
0
1.8
4.0
VCC (V)
90
80
70
60
50
40
30
20
10
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
INPUT C
INPUT A/B
100
0
2.0
4.0
OUTPUT TERMINATION VOLTAGE (V)
90
80
70
60
50
40
30
20
10
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
OUTPUT C
OUTPUT A/B
Figure 23. Deterministic Jitter vs. Core Supply Voltage
Figure 26. Deterministic Jitter vs. Output Termination Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com