Electronic Components Datasheet Search
  English  ▼

X  

AD8382 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8382
Description  High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8382 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8382 Datasheet HTML 7Page - Analog Devices AD8382 Datasheet HTML 8Page - Analog Devices AD8382 Datasheet HTML 9Page - Analog Devices AD8382 Datasheet HTML 10Page - Analog Devices AD8382 Datasheet HTML 11Page - Analog Devices AD8382 Datasheet HTML 12Page - Analog Devices AD8382 Datasheet HTML 13Page - Analog Devices AD8382 Datasheet HTML 14Page - Analog Devices AD8382 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8382
V2 – V1 (V)
–4
–3
–2
–1
0
1
2
3
4
0
1.0
2.0
3.0
4.0
5.0
6.0
VDE
VCME
Figure 25. Normalized VDE, VCME vs. (V2 – V1) at Code 2048
V2 (V) @ V1 = 7V
V1 (V) @ V2 = 7V
–10
–5
0
5
10
4
5
6
7
8
9
10
11
12
Figure 26. Normalized VDE vs. V1 and V2 at Code 2048
TEMPERATURE (°C)
030
20
10
40
50
60
70
80
90
100
–3.500
–2.625
–1.750
–0.875
0
0.875
1.750
2.625
3.500
CODE 2048
Figure 27. Common-Mode Error Voltage (VCME) vs. Temperature
V1 = V2 (V)
–4
–3
–2
–1
0
1
2
3
4
5.0
6.0
7.0
8.0
9.0
10.0
11.0
VDE
VCME
Figure 28. Normalized VDE, VCME vs. V1 = V2 at Code 2048
VREFLO (V)
–4
–3
–2
–1
0
1
2
3
4
5
6
7
8
9
101112
1314
VCME
V1 = V2 = 5V, VFS = 3V
VDE
Figure 29. Normalized VDE, VCME vs. VREFLO at Code 2048
TEMPERATURE (°C)
–5.00
–3.75
–2.50
–1.25
0
1.25
2.50
3.75
5.00
030
20
10
40
50
60
70
80
90
100
CODE 2048
Figure 30. Differential Error Voltage (VDE) vs. Temperature
Rev. 0 | Page 11 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com