Electronic Components Datasheet Search
  English  ▼

X  

AD8382 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8382
Description  High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8382 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8382 Datasheet HTML 8Page - Analog Devices AD8382 Datasheet HTML 9Page - Analog Devices AD8382 Datasheet HTML 10Page - Analog Devices AD8382 Datasheet HTML 11Page - Analog Devices AD8382 Datasheet HTML 12Page - Analog Devices AD8382 Datasheet HTML 13Page - Analog Devices AD8382 Datasheet HTML 14Page - Analog Devices AD8382 Datasheet HTML 15Page - Analog Devices AD8382 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD8382
TIME (ns)
6.05
6.06
6.07
6.08
6.09
7.00
7.01
7.02
7.03
7.04
7.05
V1 = V2 = 7V
5V
(VID4 – VID5)
VID0, 1, 2, 3
20ns/DIV
Figure 31. All-Hostile Crosstalk at CL = 200 pF
200
300
400
500
600
700
800
0
50
100
150
200
250
300
LOAD CAPACITANCE (pF)
10% TO 90%
20% TO 80%
Figure 32. Slew Rate vs. CL (Falling Edge)
FREQUENCY (Hz)
–80
–70
–60
–50
–40
–30
–20
–10
0
10k
1k
100
10
100k
1M
10M
INV = LOW
INV = HIGH
Figure 33. AVCC Power Supply Rejection vs. Frequency
TIME (ns)
6.05
6.06
6.07
6.08
6.09
7.00
7.01
7.02
7.03
7.04
7.05
V1 = V2 = 7V
3.3V
(VID4 – VID5)
DB (0:11)
20ns/DIV
Figure 34. Data Switching Transient (Feedthrough) at CL = 200 pF
200
300
400
500
600
700
800
900
0
50
100
150
200
250
300
LOAD CAPACITANCE (pF)
10% TO 90%
20% TO 80%
Figure 35. Slew Rate vs. CL (Rising Edge)
Rev. 0 | Page 12 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com