Electronic Components Datasheet Search
  English  ▼

X  

AD8382 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8382
Description  High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8382 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8382 Datasheet HTML 12Page - Analog Devices AD8382 Datasheet HTML 13Page - Analog Devices AD8382 Datasheet HTML 14Page - Analog Devices AD8382 Datasheet HTML 15Page - Analog Devices AD8382 Datasheet HTML 16Page - Analog Devices AD8382 Datasheet HTML 17Page - Analog Devices AD8382 Datasheet HTML 18Page - Analog Devices AD8382 Datasheet HTML 19Page - Analog Devices AD8382 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD8382
Ch 0
Ch 2
Ch 4
Ch 6
Ch 8
Ch 10
CH 1
CH 3
CH 5
CH 7
CH 9
CH 11
12 – CHANNEL
LCD
AD8382
DB(0:11)
CLK
XFR
STSQ
INV
VID0
VID1
VID2
VID3
VID4
VID5
E/O
R/L
VREFHI
VREFLO
V2
V1
AD8382
DB(0:11)
CLK
XFR
STSQ
INV
VID0
VID1
VID2
VID3
VID4
VID5
E/O
R/L
VREFHI
VREFLO
V2
V1
REFERENCES
VREFHI
VREFLO
V2
V1
DB1(0:11)
CLK
XFR
STSQ1
STSQ2
INV1
INV2
E/O1
E/O2
R/L
INV1
INV2
IMAGE PROCESSOR
Pixel CLK
CLK
CLK
CLK
CLK
STSQ1
STSQ2
÷6 COUNTER
÷6 COUNTER
HSTART
÷2
H. REVERSE
HSYNC
VSYNC
Figure 40. Single Data Bus 12-Channel Even/Odd System Block Diagram
Ch 0
Ch 2
Ch 4
Ch 6
Ch 8
Ch 10
CH 1
CH 3
CH 5
CH 7
CH 9
CH 11
12 – CHANNEL
LCD
AD8382
DB(0:11)
CLK
XFR
STSQ
INV
VID0
VID1
VID2
VID3
VID4
VID5
E/O
R/L
VREFHI
VREFLO
V2
V1
AD8382
DB(0:11)
CLK
XFR
STSQ
INV
VID0
VID1
VID2
VID3
VID4
VID5
E/O
R/L
VREFHI
VREFLO
V2
V1
REFERENCES
VREFHI
VREFLO
V2
V1
DB1(0:11)
CLK
XFR
STSQ
INV1
INV2
E/O
R/L
DB2(0:11)
INV1
INV2
D(0:9) Odd
D(0:9) Even
IMAGE PROCESSOR
D(0:9) Even
D(0:9) Odd
Pixel CLK
÷6 COUNTER
CLK
HSTART
÷2
“1”
H. REVERSE
HSYNC
VSYNC
Figure 41. Dual Data Bus 12-Channel Even/Odd System Block Diagram
Rev. 0 | Page 16 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com