Electronic Components Datasheet Search
  English  ▼

X  

AD8382 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8382
Description  High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8382 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8382 Datasheet HTML 13Page - Analog Devices AD8382 Datasheet HTML 14Page - Analog Devices AD8382 Datasheet HTML 15Page - Analog Devices AD8382 Datasheet HTML 16Page - Analog Devices AD8382 Datasheet HTML 17Page - Analog Devices AD8382 Datasheet HTML 18Page - Analog Devices AD8382 Datasheet HTML 19Page - Analog Devices AD8382 Datasheet HTML 20Page - Analog Devices AD8382 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD8382
VBIAS Generation—V1, V2 Input Pin
Functionality
In order to avoid image flicker, a symmetrical ac voltage is
required and a bias voltage of approximately 1 V minimum
must be maintained across the pixels of HTPS LCDs. The
AD8382 provides two methods of maintaining this bias voltage.
INTERNAL BIAS VOLTAGE GENERATION
Standard systems that internally generate the bias voltage
reserve the uppermost code range for the bias voltage and use
the remaining code range to encode the video for gamma
correction. A high degree of ac symmetry is guaranteed by the
AD8382 in these systems.
The V1 and V2 inputs in these systems are tied together and are
normally connected to VCOM, as shown in Figure 42.
VBIAS = 1V
VCOM
VFS = 5V
VFS = 5V
RESERVED
CODE
RANGE
VBIAS = 1V
V2
V1
VCOM
AD8382
4095
3280
Figure 42. V1, V2 Connection and Transfer Function in a Typical Standard
System
EXTERNAL BIAS VOLTAGE GENERATION
In systems that require improved brightness resolution and
higher accuracy, the V1 and V2 inputs, connected to external
voltage references, provide necessary bias voltage, VBIAS, while
allowing the full code range to be used for gamma correction.
To ensure a symmetrical ac voltage at the AD8382’s outputs,
VBIAS must remain constant for both states of INV. Thus, V1
and V2 are defined as:
V1 = VCOM − VBIAS
V2 = VCOM + VBIAS
APPLICATIONS CIRCUIT
The circuit in Figure 41 ensures VBIAS symmetry to within 1
mV with a minimum component count. Bypass capacitors are
omitted for clarity.
AVCC = 15.5V
VZ = 5.1V
DVCC = 3.3V
VCOM = 7V
R1 = 6k
Ω
R2 = 1k
Ω
V2 = 8V
V1 = 6V
V2
V1
AD8382
AD8132
6
3
2
1
8
V–
V+
VCOM
–IN
+IN
5
4
Figure 43. External VBIAS Generator with the AD8132
VBIAS = 1V
VCOM
V2
V1
VFS = 4V
VFS = 4V
VBIAS = 1V
4095
Figure 44. The AD8382 Transfer Function in a Typical High Accuracy System
5.7
6.2
6.7
7.2
7.7
8.2
8.7
9.2
9.7
10.2 10.7
–8.75
–6.25
–3.75
1.25
3.75
6.25
7.50
8.75
–1.25
–7.50
–5.00
0.00
2.50
5.00
–2.50
V+ – V– (V)
TA = 85°C
TA = 25°C
Figure 45. Typical Asymmetry at the Outputs of the AD8132 vs. Power Supply
for the Application Circuit
The AD8132 typically produces a symmetrical output at 85°C
when its supply, (V+) – (V–), is 7.2 V (Figure 45).
Rev. 0 | Page 17 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com