Electronic Components Datasheet Search
  English  ▼

X  

AD8382 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8382
Description  High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8382 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8382 Datasheet HTML 15Page - Analog Devices AD8382 Datasheet HTML 16Page - Analog Devices AD8382 Datasheet HTML 17Page - Analog Devices AD8382 Datasheet HTML 18Page - Analog Devices AD8382 Datasheet HTML 19Page - Analog Devices AD8382 Datasheet HTML 20Page - Analog Devices AD8382 Datasheet HTML 21Page - Analog Devices AD8382 Datasheet HTML 22Page - Analog Devices AD8382 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD8382
AD8382 PCB DESIGN RECOMMENDATIONS
Land pattern Dimensions
Pad Size:
0.5 mm × 0.25 mm
Pad Pitch:
0.5 mm
Thermal Pad Size:
5.25 mm × 5.25 mm
Thermal via structure:
0.25 mm diameter.
Vias on 0.5mm grid.
7mm
LAND PATTERN – TOP LAYER
Figure 46. Land Pattern—Top Layer
THERMAL PAD AND VIA CONNECTIONS
Thermal Pads are connected to AVCC.
For PCBs with the AVCC
plane located on one of
the outer layers, direct
connection of at least one
thermal pad to the AVCC
plane is recommended.
For PCBs with the AVCC
plane located on one of
the internal layers, direct
connection of all thermal
vias to the AVCC plane is
recommended.
LAND PATTERN – BOTTOM LAYER
Figure 47. Land Pattern—Bottom Layer
The use of thermal spokes is not recommended when
connecting the thermal pads or via structure to the AVCC
plane.
SOLDER MASKING
To minimize the formation of solder voids due to solder flowing
into the via holes (solder wicking), via diameter should be small.
Solder masking of the via holes on the top layer of the PCB
plugs the via holes, inhibiting solder flow into the holes. To
optimize the thermal pad coverage, the solder mask diameter
should be no more than 0.1 mm larger than the via diameter.
Solder Mask—Top Layer
Pads: Set by customer’s PCB
Design Rules
Thermal Vias: 0.25 mm dia.
circular mask, centered on the
vias.
Solder Mask—Bottom
Layer
Set by customer’s PCB Design
Rules.
SOLDER MASK – TOP LAYER
Figure 48. Solder Mask—Top Layer
Rev. 0 | Page 19 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com