Electronic Components Datasheet Search
  English  ▼

X  

AD8382 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8382
Description  High Performance 12-Bit, 6-Channel Output, Decimating LCD DecDriver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8382 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8382 Datasheet HTML 9Page - Analog Devices AD8382 Datasheet HTML 10Page - Analog Devices AD8382 Datasheet HTML 11Page - Analog Devices AD8382 Datasheet HTML 12Page - Analog Devices AD8382 Datasheet HTML 13Page - Analog Devices AD8382 Datasheet HTML 14Page - Analog Devices AD8382 Datasheet HTML 15Page - Analog Devices AD8382 Datasheet HTML 16Page - Analog Devices AD8382 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8382
Rev. 0 | Page 13 of 24
FUNCTIONAL DESCRIPTION
The AD8382 is a system building block designed to directly
drive the columns of LCD microdisplays of the type
popularized for use in projection systems. It comprises six
channels of precision, 12-bit digital-to-analog converters loaded
from a single, high speed, 12-bit wide input. Precision current
feedback amplifiers, providing well-damped pulse response and
fast voltage settling into large capacitive loads, buffer the six
outputs. Laser trimming at the wafer level ensures low absolute
output errors and tight channel-to-channel matching. Tight
part-to-part matching in high resolution systems is guaranteed
by the use of external voltage references.
V1, V2 INPUTS—VOLTAGE REFERENCE INPUTS
Two external analog voltage references set the levels of the
outputs. V1 sets the output voltage at Code 4095 while the INV
input is LOW, and V2 sets the output voltage at Code 4095 while
the INV input is held HIGH.
VREFHI, VREFLO INPUTS—FULL-SCALE
REFERENCE INPUTS
Twice the difference between these analog input voltages sets
the full-scale output voltage VFS.
START SEQUENCE CONTROL—INPUT DATA
LOADING
VFS
= 2 × (VREFHI – VREFLO)
INV CONTROL—ANALOG OUTPUT INVERSION
A valid STSQ control input initiates a new 6-clock loading
cycle, during which six input data-words are loaded sequentially
into six internal channels. A new loading sequence begins on
the current active CLK edge only when STSQ was held HIGH at
the preceding active CLK edge. Active CLK edge is defined by
the E/O Control.
The analog voltage equivalent of the input code is subtracted
from (V2 + VFS) while INV is held HIGH and added to (V1 –
VFS) while INV is held LOW.
Transfer Function
The AD8382 has two regions of operation, where the video
output voltages are either above reference voltage V2 or below
reference voltage V1. The transfer function defines the video
output voltage as the function of the digital input code as
follows:
EVEN/ODD CONTROL—INPUT DATA LOADING
To facilitate 12-channel, single data bus systems, the active CLK
edge, at which input data is loaded, is selected with the E/O
control input. Input data is loaded on the rising CLK edges
while the E/O input is held HIGH; input data is loaded on the
falling CLK edges while the E/O input is held LOW.
VIDx
(n) = V2 + VFS × (1 – n/4095), for INV = HIGH
VIDx
(n) = V1 – VFS × (1 – n/4095), for INV = LOW
RIGHT/LEFT CONTROL—INPUT DATA LOADING
where n = input code
To facilitate image mirroring, the direction of the loading
sequence is set by the R/L control. A new loading sequence
begins at channel 0 and proceeds to Channel 5 when the R/L
control is held LOW. It begins at Channel 5 and proceeds to
channel 0 when the R/L control is held HIGH.
VFS
= 2 × (VREFHI – VREFLO)
A number of internal limits define the usable range of the video
output voltages, VIDx, as shown in Figure 36
INPUT CODE
AGND
V1–VFS
V1
V2
V2+ VFS
AVCC
0
4095
0
≤ VFS ≤ 5.5V
0
≤ VFS ≤ 5.5V
5V
≤ V2 ≤ (AVCC – 4)
5V
≤ V1 ≤ (AVCC – 4)
9V
≤ AVCC ≤ 18V
≥ 1.3V
≥ 1.3V
INV = HIGH
INV = LOW
INTERNAL LIMITS AND
USABLE VOLTAGE RANGES
XFR CONTROL—DATA TRANSFER TO OUTPUTS
Data transfer to the outputs is initiated by the XFR control.
While XFR is held HIGH during a rising CLK edge, data is
simultaneously transferred to all outputs on the immediately
following falling CLK edge.
STBY CONTROL—STANDBY MODE
A HIGH applied to the STBY input debiases the internal
circuitry, dropping the quiescent power dissipation to a few
milliwatts. Upon returning STBY to LOW, normal operation is
restored. Since both analog and digital circuitry is debiased, all
stored data will be lost in standby mode.
Figure 36. Transfer Function and Usable Voltage Ranges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com