Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9233
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 4 Page - Analog Devices

  AD9233 Datasheet HTML 1Page - Analog Devices AD9233 Datasheet HTML 2Page - Analog Devices AD9233 Datasheet HTML 3Page - Analog Devices AD9233 Datasheet HTML 4Page - Analog Devices AD9233 Datasheet HTML 5Page - Analog Devices AD9233 Datasheet HTML 6Page - Analog Devices AD9233 Datasheet HTML 7Page - Analog Devices AD9233 Datasheet HTML 8Page - Analog Devices AD9233 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9233
Rev. A | Page 4 of 44
SPECIFICATIONS
DC SPECIFICATIONS
AVDD = 1.8 V; DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS,
DCS enabled, unless otherwise noted.
Table 1.
AD9233BCPZ-80
AD9233BCPZ-105
AD9233BCPZ-125
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
12
12
12
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.3
±0.5
±0.3
±0.8
±0.3
±0.8
% FSR
Gain Error
Full
±0.2
±4.7
±0.2
±4.9
±0.2
±3.9
% FSR
Differential Nonlinearity (DNL)1
Full
±0.3
±0.5
±0.5
LSB
25°C
±0.2
±0.2
±0.2
LSB
Integral Nonlinearity (INL)1
Full
±1.2
±1.2
±1.2
LSB
25°C
±0.5
±0.5
±0.5
LSB
TEMPERATURE DRIFT
Offset Error
Full
±15
±15
±15
ppm/°C
Gain Error
Full
±95
±95
±95
ppm/°C
INTERNAL VOLTAGE REFERENCE
Output Voltage Error (1 V Mode)
Full
±5
±20
±5
±35
±5
±35
mV
Load Regulation @ 1.0 mA
Full
7
7
7
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.34
0.34
0.34
LSB rms
ANALOG INPUT
Input Span, VREF = 1.0 V
Full
2
2
2
V p-p
Input Capacitance2
Full
8
8
8
pF
REFERENCE INPUT RESISTANCE
Full
6
6
6
kΩ
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
3.3
3.6
1.7
3.3
3.6
1.7
3.3
3.6
V
Supply Current
IAVDD1
Full
138
155
178
194
220
236
mA
IDRVDD1 (DRVDD = 1.8 V)
Full
7
8
10
mA
IDRVDD1 (DRVDD = 3.3 V)
Full
12
14
17
mA
POWER CONSUMPTION
DC Input
Full
248
279
320
350
395
425
mW
Sine Wave Input1 (DRVDD = 1.8 V)
Full
261
335
415
mW
Sine Wave Input1 (DRVDD = 3.3 V)
Full
288
365
452
mW
Standby3
Full
40
40
40
mW
Power-Down
Full
1.8
1.8
1.8
mW
1 Measured with a low input frequency, full-scale sine wave, with approximately 5 pF loading on each output bit.
2 Input capacitance refers to the effective capacitance between one differential input pin and AGND. Refer to Figure 4 for the equivalent analog input structure.
3 Standby power is measured with a dc input, the CLK pin inactive (set to AVDD or AGND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com