Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9233
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9233 Datasheet HTML 8Page - Analog Devices AD9233 Datasheet HTML 9Page - Analog Devices AD9233 Datasheet HTML 10Page - Analog Devices AD9233 Datasheet HTML 11Page - Analog Devices AD9233 Datasheet HTML 12Page - Analog Devices AD9233 Datasheet HTML 13Page - Analog Devices AD9233 Datasheet HTML 14Page - Analog Devices AD9233 Datasheet HTML 15Page - Analog Devices AD9233 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
AD9233
Rev. A | Page 12 of 44
0
–20
–40
–60
–80
–100
–120
–140
0
15.625
31.250
46.875
62.500
FREQUENCY (MHz)
125MSPS
225.3MHz @ –1dBFS
SNR = 68.5dBc (69.5dBFS)
ENOB = 11.0 BITS
SFDR = 80.4dBc
Figure 18. AD9233-125 Single-Tone FFT with FIN = 225.3 MHz
0
–20
–40
–60
–80
–100
–120
–140
0
15.625
31.250
46.875
62.500
FREQUENCY (MHz)
125MSPS
300.3MHz @ –1dBFS
SNR = 67.8dBc (68.8dBFS)
ENOB = 10.8 BITS
SFDR = 77.4dBc
Figure 19. AD9233-125 Single-Tone FFT with FIN = 300.3 MHz
120
0
–90
0
INPUT AMPLITUDE (dBFS)
SNR (dBFS)
SFDR (dBFS)
SNR (dBc)
SFDR (dBc)
85dB REFERENCE LINE
100
80
60
40
20
–80
–70
–60
–50
–40
–30
–20
–10
Figure 20. AD9233 Single-Tone SNR/SFDR vs.
Input Amplitude (AIN) with FIN = 2.4 MHz
100
90
95
85
80
75
70
65
60
0
150
50
100
200
250
INPUT FREQUENCY (MHz)
SNR = –40°C
SNR = +25°C
SFDR = –40°C
SFDR = +85°C
SFDR = +25°C
SNR = +85°C
Figure 21. AD9233 Single-Tone SNR/SFDR vs.
Input Frequency (FIN) and Temperature with 2 V p-p Full Scale
100
90
95
85
80
75
70
65
60
0
150
50
100
200
250
INPUT FREQUENCY (MHz)
SFDR = –40°C
SFDR = +25°C
SFDR = +85°C
SNR = +85°C
SNR = +25°C
SNR = –40°C
Figure 22. AD9233 Single-Tone SNR/SFDR vs.
Input Frequency (FIN) and Temperature with 1 V p-p Full Scale
1.0
–1.0
–0.8
–0.5
–0.3
0
0.3
0.5
–40
80
TEMPERATURE (°C)
–20
0
20
40
60
0.8
OFFSET ERROR
GAIN ERROR
Figure 23. AD9233 Gain and Offset vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com