Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 41 Page - Analog Devices

Part # AD9233
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9233 Datasheet HTML 36Page - Analog Devices AD9233 Datasheet HTML 37Page - Analog Devices AD9233 Datasheet HTML 38Page - Analog Devices AD9233 Datasheet HTML 39Page - Analog Devices AD9233 Datasheet HTML 40Page - Analog Devices AD9233 Datasheet HTML 41Page - Analog Devices AD9233 Datasheet HTML 42Page - Analog Devices AD9233 Datasheet HTML 43Page - Analog Devices AD9233 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
AD9233
Rev. A | Page 41 of 44
Item
Qty.
Omit
(DNI)
Reference Designator
Device
Package
Description
Supplier/Part No.
62
1
U506
IC
8-pin SOIC
8-bit
microcontroller
Microchip PIC12F629
63
1
U507
IC
SC70
Dual buffer
Fairchild NC7WZ16
64
1
U508
IC
SC70
Dual buffer
Fairchild NC7WZ07
65
1
U509
IC
48-Lead
TSSOP
Buffer/line driver
Fairchild 74VCX162244
66
1
U510
DUT
(AD9233)
48-Lead
LFCSP
ADC
Analog Devices, Inc.
AD9233BCPZ
67
1
U511 (or Z500)
IC
16-Lead
LFCSP
Differential
amplifier
Analog Devices, Inc.
AD8352ACPZ
Total
128
107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com