Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9233
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9233 Datasheet HTML 25Page - Analog Devices AD9233 Datasheet HTML 26Page - Analog Devices AD9233 Datasheet HTML 27Page - Analog Devices AD9233 Datasheet HTML 28Page - Analog Devices AD9233 Datasheet HTML 29Page - Analog Devices AD9233 Datasheet HTML 30Page - Analog Devices AD9233 Datasheet HTML 31Page - Analog Devices AD9233 Datasheet HTML 32Page - Analog Devices AD9233 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
AD9233
Rev. A | Page 29 of 44
DEFAULT OPERATION AND JUMPER SELECTION
SETTINGS
The following is a list of the default and optional settings or
modes allowed on the AD9233 Rev. A evaluation board.
POWER
Connect the switching power supply that is supplied in the
evaluation kit between a rated 100 V ac to 240 V ac wall outlet
at 47 Hz to 63 Hz and P500.
VIN
The evaluation board is set up for a double balun configuration
analog input with optimum 50 Ω impedance matching out to
70 MHz. For more bandwidth response, the differential capacitor
across the analog inputs can be changed or removed (see Table 8).
The common mode of the analog inputs is developed from the
center tap of the transformer via the CML pin of the ADC. See
the Analog Input Considerations section for more information.
VREF
VREF is set to 1.0 V by tying the SENSE pin to ground via
JP507 (Pin 1 and Pin 2). This causes the ADC to operate in
2.0 V p-p full-scale range. A separate external reference option
is also included on the evaluation board. Simply connect JP507
between Pin 2 and Pin 3, connect JP501, and provide an external
reference at E500. Proper use of the VREF options is detailed in
the Voltage Reference section.
RBIAS
RBIAS requires a 10 kΩ (R503) to ground and is used to set the
ADC core bias current.
CLOCK
The default clock input circuitry is derived from a simple
transformer-coupled circuit using a high bandwidth 1:1
impedance ratio transformer (T503) that adds a very low
amount of jitter to the clock path. The clock input is 50 Ω
terminated and ac-coupled to handle single-ended sine wave
inputs. The transformer converts the single-ended input to a
differential signal that is clipped before entering the ADC
clock inputs.
PDWN
To enable the power-down feature, connect JP506, shorting the
PDWN pin to AVDD.
CSB
The CSB pin is internally pulled-up, setting the chip into
external pin mode, to ignore the SDIO and SCLK information.
To connect the control of the CSB pin to the SPI circuitry on the
evaluation board, connect JP1 Pin 1 and Pin 2. To set the chip
into serial pin mode and to enable the SPI information on the
SDIO and SCLK pins, tie JP1 low (connect Pin 2 and Pin 3) in
the always enabled mode.
SCLK/DFS
If the SPI port is in external pin mode, the SCLK/DFS pin sets the
data format of the outputs. If the pin is left floating, the pin is
internally pulled down, setting the default condition to binary.
Connecting JP2 Pin 2 and Pin 3 sets the format to twos
complement. If the SPI port is in serial pin mode, connecting
JP2 Pin 1 and Pin 2 connects the SCLK pin to the on board
SPI circuitry. See the Serial Port Interface (SPI) section for
more details.
SDIO/DCS
If the SPI port is in external pin mode, the SDIO/DCS pin acts
to set the duty cycle stabilizer. If the pin is left floating, the pin is
internally pulled up, setting the default condition to DCS enabled.
To disable the DCS, connect JP3 Pin 2 and Pin 3. If the SPI port
is in serial pin mode, connecting JP3 Pin 1 and Pin 2 connects the
SDIO pin to the on-board SPI circuitry. See the Serial Port
Interface (SPI) section for more details.
ALTERNATIVE CLOCK CONFIGURATIONS
A differential LVPECL clock can also be used to clock the ADC
input using the AD9515 (U500). When using this drive option,
the components listed in Table 16 need to be populated.
Consult the AD9515 data sheet for further information.
To configure the analog input to drive the AD9515 instead of
the default transformer option, the following components need
to be added, removed, and/or changed.
•
Remove R507, R508, C532, and C533 in the default
clock path.
•
Populate R505 with a 0 Ω resistor and C531 in the default
clock path.
•
Populate R511, R512, R513, R515 to R524, U500, R580,
R582, R583, R584, C536, C537, and R586.
If using an oscillator, two oscillator footprint options are also
available (OSC500) to check the performance of the ADC.
JP508 provides the user flexibility in using the enable pin, which
is common on most oscillators. Populate OSC500, R575, R587,
and R588 to use this option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com