Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9233
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9233 Datasheet HTML 5Page - Analog Devices AD9233 Datasheet HTML 6Page - Analog Devices AD9233 Datasheet HTML 7Page - Analog Devices AD9233 Datasheet HTML 8Page - Analog Devices AD9233 Datasheet HTML 9Page - Analog Devices AD9233 Datasheet HTML 10Page - Analog Devices AD9233 Datasheet HTML 11Page - Analog Devices AD9233 Datasheet HTML 12Page - Analog Devices AD9233 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
AD9233
Rev. A | Page 9 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
(LSB) D0
D1
D2
D3
D4
D5
DRGND
DRVDD
D6
D7
D8
D9
RBIAS
CML
AVDD
AGND
VIN–
VIN+
AGND
REFT
REFB
VREF
SENSE
35
PDWN
36
34
33
32
31
30
29
28
27
26
25
AD9233
TOP VIEW
(Not to Scale)
PIN 0 (EXPOSED PADDLE): AGND
NC = NO CONNECT
PIN 1
INDICATOR
Figure 3. Pin Configuration
Table 7. Pin Function Description
Pin No.
Mnemonic
Description
0, 21, 23, 29,
32, 37, 41
AGND
Analog Ground. (Pin 0 is the exposed thermal pad on the bottom of the package.)
1 to 6, 9 to 14
D0 (LSB) to D11 (MSB)
Data Output Bits.
7, 16, 47
DRGND
Digital Output Ground.
8, 17, 48
DRVDD
Digital Output Driver Supply (1.8 V to 3.3 V).
15
OR
Out-of-Range Indicator.
18
SDIO/DCS
Serial Port Interface (SPI)® Data Input/Output (Serial Port Mode); Duty Cycle Stabilizer Select
(External Pin Mode). See Table 10.
19
SCLK/DFS
SPI Clock (Serial Port Mode); Data Format Select Pin (External Pin Mode). See Table 10.
20
CSB
SPI Chip Select (Active Low).
22, 24, 33, 40, 42
AVDD
Analog Power Supply.
25
SENSE
Reference Mode Selection. See Table 9.
26
VREF
Voltage Reference Input/Output.
27
REFB
Differential Reference (−).
28
REFT
Differential Reference (+).
30
VIN+
Analog Input Pin (+).
31
VIN–
Analog Input Pin (−).
34
CML
Common-Mode Level Bias Output.
35
RBIAS
External Bias Resister Connection. A 10 kΩ resister must be connected between this pin and
analog ground (AGND).
36
PDWN
Power-Down Function Select.
38
CLK+
Clock Input (+).
39
CLK–
Clock Input (−).
43
OEB
Output Enable (Active Low).
44
DCO
Data Clock Output.
45, 46
NC
No Connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com