Electronic Components Datasheet Search
  English  ▼

X  

AD9233 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9233
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9233 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9233 Datasheet HTML 24Page - Analog Devices AD9233 Datasheet HTML 25Page - Analog Devices AD9233 Datasheet HTML 26Page - Analog Devices AD9233 Datasheet HTML 27Page - Analog Devices AD9233 Datasheet HTML 28Page - Analog Devices AD9233 Datasheet HTML 29Page - Analog Devices AD9233 Datasheet HTML 30Page - Analog Devices AD9233 Datasheet HTML 31Page - Analog Devices AD9233 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
AD9233
Rev. A | Page 28 of 44
EVALUATION BOARD
The AD9233 evaluation board provides all of the support
circuitry required to operate the ADC in its various modes and
configurations. The converter can be driven differentially
through a double balun configuration (default) or through the
AD8352 differential driver. The ADC can also be driven in a
single-ended fashion. Separate power pins are provided to
isolate the DUT from the AD8352 drive circuitry. Each input
configuration can be selected by proper connection of various
components. Figure 59 shows the typical bench characterization
setup used to evaluate the ac performance of the AD9233.
It is critical that the signal sources used for the analog input and
clock have very low phase noise (<1 ps rms jitter) to realize the
optimum performance of the converter. Proper filtering of the
analog input signal to remove harmonics and lower the inte-
grated or broadband noise at the input is also necessary to achieve
the specified noise performance.
See Figure 60 to Figure 70 for the complete schematics and
layout diagrams that demonstrate the routing and grounding
techniques that should be applied at the system level.
POWER SUPPLIES
This evaluation board comes with a wall-mountable switching
power supply that provides a 6 V, 2 A maximum output. Simply
connect the supply to the rated 100 V ac to 240 V ac wall outlet
at 47 Hz to 63 Hz. The other end is a 2.1 mm inner diameter
jack that connects to the PCB at P500. Once on the PC board,
the 6 V supply is fused and conditioned before connecting to
five low dropout linear regulators that supply the proper bias to
each of the various sections on the board. When operating the
evaluation board in a nondefault condition, L501, L503, L504,
L508, and L509 can be removed to disconnect the switching
power supply. This enables the user to bias each section of the
board independently. Use P501 to connect a different supply for
each section.
Although at least one 1.8 V supply is needed with a 1 A current
capability for AVDD_DUT and DRVDD_DUT, it is recom-
mended that separate supplies be used for analog and digital.
To operate the evaluation board using the AD8352 option, a
separate 5.0 V analog supply is needed. The 5.0 V supply, or
AMP_VDD, should have a 1 A current capability. To operate
the evaluation board using the alternate SPI options, a separate
3.3 V analog supply is needed in addition to the other supplies.
The 3.3 V supply (AVDD_3.3V) should have a 1 A current
capability as well. Solder Jumpers J501, J502, and J505 allow the
user to combine these supplies. See Figure 64 for more details.
INPUT SIGNALS
When connecting the clock and analog source, use clean signal
generators with low phase noise, such as Rohde & Schwarz SMHU
or Agilent HP8644 signal generators or the equivalent. Use one
meter long, shielded, RG-58, 50 Ω coaxial cables for making
connections to the evaluation board. Enter the desired frequency
and amplitude for the ADC. Typically, most ADI evaluation
boards can accept a ~2.8 V p-p or 13 dBm sine wave input for
the clock. When connecting the analog input source, it is
recommended to use a multipole, narrow-band, band-pass
filter with 50 Ω terminations. Analog Devices uses TTE®, Allen
Avionics, and K&L® types of band-pass filters. Connect the filter
directly to the evaluation board, if possible.
OUTPUT SIGNALS
The parallel CMOS outputs interface directly with Analog
Devices’ standard single-channel FIFO data capture board
(HSC-ADC-EVALB-SC). For more information on the FIFO
boards and their optional settings, visit www.analog.com/FIFO.
ROHDE & SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
ROHDE & SCHWARZ,
SMHU,
2V p-p SIGNAL
SYNTHESIZER
BAND-PASS
FILTER
AIN
CLK
12-BIT
PARALLEL
CMOS
USB
CONNECTION
AD9233
EVALUATION BOARD
HSC-ADC-EVALB-SC
FIFO DATA
CAPTURE
BOARD
PC
RUNNING
ADC
ANALYZER
AND SPI
USER
SOFTWARE
1.8V
–+
–+
–+
5.0V
2.5V
6V DC
2A MAX
WALL OUTLET
100V TO 240V AC
47Hz TO 63Hz
SWITCHING
POWER
SUPPLY
–+
3.3V
–+
3.3V
–+
3.3V
SPI
SPI
SPI
Figure 59. Evaluation Board Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com