Electronic Components Datasheet Search
  English  ▼

X  

TMD3721 Datasheet(PDF) 57 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 57 Page - ams AG

Back Button TMD3721 Datasheet HTML 53Page - ams AG TMD3721 Datasheet HTML 54Page - ams AG TMD3721 Datasheet HTML 55Page - ams AG TMD3721 Datasheet HTML 56Page - ams AG TMD3721 Datasheet HTML 57Page - ams AG TMD3721 Datasheet HTML 58Page - ams AG TMD3721 Datasheet HTML 59Page - ams AG TMD3721 Datasheet HTML 60Page - ams AG TMD3721 Datasheet HTML 61Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
Page 56
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
PCFG4 Register (Address 0xDA)
Figure 76:
PCFG4 Register
CALIBSTAT Register (Address 0xDC)
Figure 77:
CALIBSTAT Register
Addr: 0xDA
PCFG4
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0
RW
Reserved. Must be set to default value.
0
PROX_CAL_
VSYNC_EN
0RW
The bit enables proximity calibration synchronized to
the VSYNC signal with PSD delay. The proximity
calibration consists of 9 measurement cycles.
If the bit is set to 1, every cycle of the 9 measurement
cycles are synchronized to the VSYNC signal with PSD
delay.
If the bit is set to 0 and PVSYNC_EN is 1, only the first
measurement cycle is synchronized to the VSYNC
signal with PSD delay, the successive measurement
cycles run immediately after the first measurement
cycle.
If the bit is set to 0 and PVSYNC_EN is 0, all 9
measurement cycles of the proximity calibration run
immediately pulse burst irrespective of VSYNC signal.
Addr: 0xDC
CALIBSTAT
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
R
Reserved. Must be set to default value.
2
OFFSET_
ADJUSTED
0R
Bit is set when the proximity offset has been
automatically decremented if PROX_AUTO_
OFFSET_ADJ = 1 (see CALIBCFG register). This
bit can be cleared by writing 1 to it or setting
PROX_AUTO_OFFSET_ADJ to 0.
1
Reserved
0
R
Reserved. Must be set to default value.
0
CALIB_FINISHED
0
R
This flag indicates that calibration has
finished. This bit is a copy of the CINT bit in the
STATUS register. It will be cleared when the
CINT bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com