Electronic Components Datasheet Search
  English  ▼

X  

TMD3721 Datasheet(PDF) 48 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 48 Page - ams AG

Back Button TMD3721 Datasheet HTML 44Page - ams AG TMD3721 Datasheet HTML 45Page - ams AG TMD3721 Datasheet HTML 46Page - ams AG TMD3721 Datasheet HTML 47Page - ams AG TMD3721 Datasheet HTML 48Page - ams AG TMD3721 Datasheet HTML 49Page - ams AG TMD3721 Datasheet HTML 50Page - ams AG TMD3721 Datasheet HTML 51Page - ams AG TMD3721 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
Datasheet, Public
Page 47
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
CFG6 Register (Address 0xAE)
Figure 61:
CFG6 Register
PWM_CFG Register (Address 0xB0)
Figure 62:
PWM_CFG Register
Addr: 0xAE
CFG6
Bit
Bit Name
Default
Access
Bit Description
7
Reserved
0
RW
Reserved. Must be set to default value.
6
DISABLE_APC
1
RW
Proximity automatic pulse control (APC) disable.
0 = APC enable
1 = APC disable
This bit should be set to 1 when calibration needs
to be performed
5:0
Reserved
111111
RW
Reserved. Must be set to default value.
Addr: 0xB0
PWM_CFG
Bit
Bit Name
Default
Access
Bit Description
7:3
Reserved
00000
RW
Reserved. Must be set to default value.
2:1
PWM_CHG_DET_STP
00
RW
PWM period change detection step.
Once PWM period changes from previous cycle by
step of period mentioned in the following table,
PWM_CHG_INT interrupt is generated if PWMIEN=1.
PWM_PRD={PWM_PRD_H, PWM_PRD_L}
Value
Timing
0
Compare with PWM_PRD[13:9]
1
Compare with PWM_PRD[13:8]
2
Compare with PWM_PRD[13:10]
3
Compare with PWM_PRD[13:11]
0
PWM_IN_EN
0
Enable XRES as a PWM input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com