Electronic Components Datasheet Search
  English  ▼

X  

TMD3721 Datasheet(PDF) 51 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 51 Page - ams AG

Back Button TMD3721 Datasheet HTML 47Page - ams AG TMD3721 Datasheet HTML 48Page - ams AG TMD3721 Datasheet HTML 49Page - ams AG TMD3721 Datasheet HTML 50Page - ams AG TMD3721 Datasheet HTML 51Page - ams AG TMD3721 Datasheet HTML 52Page - ams AG TMD3721 Datasheet HTML 53Page - ams AG TMD3721 Datasheet HTML 54Page - ams AG TMD3721 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
Page 50
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
PWM_PRD_H Register (Address 0xB6)
Figure 67:
PWM_PRD_H Register
PWM_PRD register stores the last PWM period. This is 14bit
divided into 2 registers {PWM_PRD_H, PWM_PRD_L} with
resolution of 1.357μs/bit.
PWM_HIP_L (Address 0xB7)
Figure 68:
PWM_HIP_L
PWM_HIP_H (Address 0xB8)
Figure 69:
PWM_HIP_H
PWM_HIP register stores the last PWM high period. This is 14bit
divided into 2 registers {PWM_HIP_H, PWM_HIP_L} with
resolution of 1.357μs/bit. It is recommended that PWM signal
is in the frequency range of 45Hz to 10KHz with minimum active
pulse length 16μs.
Addr: 0xB6
PWM_PRD_H
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
R
Reserved. Must be set to default value.
5:0
PWM_PRD_H
000000
R
The upper 6 bits of the 14-bit PWM period data
Addr: 0xB7
PWM_HIP_L
Bit
Bit Name
Default
Access
Bit Description
7:0
PWM_HIP_L
0x00
R
The low byte of the 14-bit PWM signal high period data.
Addr: 0xB8
PWM_HIP_H
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
R
Reserved. Must be set to default value.
5:0
PWM_HIP_H
000000
R
The upper 6 bits of the 14-bit PWM signal high period data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com