Electronic Components Datasheet Search
  English  ▼

X  

TMD3721 Datasheet(PDF) 60 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 60 Page - ams AG

Back Button TMD3721 Datasheet HTML 56Page - ams AG TMD3721 Datasheet HTML 57Page - ams AG TMD3721 Datasheet HTML 58Page - ams AG TMD3721 Datasheet HTML 59Page - ams AG TMD3721 Datasheet HTML 60Page - ams AG TMD3721 Datasheet HTML 61Page - ams AG TMD3721 Datasheet HTML 62Page - ams AG TMD3721 Datasheet HTML 63Page - ams AG TMD3721 Datasheet HTML 64Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 89 page
background image
Datasheet, Public
Page 59
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Register Overview
ASP1_L Register (Address 0xE2)
Figure 82:
ASP1_L Register
ASP1_H Register (Address 0xE3)
Figure 83:
ASP1_H Register
Addr: 0xE2
ASP1_L
Bit
Bit Name
Default
Access
Bit Description
7:0
ASP1_L
0x00
RW
ASP1_L is lower byte of the ASP1 (ALS data Sampling
Period 1).
It is a 14bit value split into 2 registers {ASP1_H[5:0], ASP1_
L[7:0]}.
ASP1 is in multiples of 1.357us resolution, and should be
programmed >12us.
If ASP1 is 0, ASP1 takes the value of ATIME and ASP2
disabled irrespective of the programmed value.
Value
Sampling Cycles
Sampling Period
0x0000
0
ATIME (sampled only
once at end of ATIME)
0x0009
9
1.357μs x9
0x000A
10
1.357μs x10
……
…
0x3FFF
16383
1.357μs x16383
Addr: 0xE3
ASP1_H
Bit
Bit Name
Default
Access
Bit Description
7:6
Reserved
00
RW
Reserved. Must be set to default value.
5:0
ASP1_H
000000
RW
ASP1_H is upper byte of the ASP1 (ALS data Sampling
Period 1).
See ASP1_L for the value settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com