Electronic Components Datasheet Search
  English  ▼

X  

TMD3721 Datasheet(PDF) 74 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 74 Page - ams AG

Back Button TMD3721 Datasheet HTML 70Page - ams AG TMD3721 Datasheet HTML 71Page - ams AG TMD3721 Datasheet HTML 72Page - ams AG TMD3721 Datasheet HTML 73Page - ams AG TMD3721 Datasheet HTML 74Page - ams AG TMD3721 Datasheet HTML 75Page - ams AG TMD3721 Datasheet HTML 76Page - ams AG TMD3721 Datasheet HTML 77Page - ams AG TMD3721 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 89 page
background image
Datasheet, Public
Page 73
[v3-00] 2023-May-26
Document Feedback
TMD3721 − Application Information
Schematic
Figure 107:
TMD3721 Typical Application Circuit
Note(s):
1. Place VDD18 filter (R1, C1, C2) and VDD3 filter (C5) as close as possible to the module.
2. The value of the I²C pull up resistors (R6, R7) should be based on the bus voltage, system bus speed and trace capacitance.
3. R1, C1, C2, C5 are critical components to protect the device during high voltage ESD strikes.
4. In systems subjected to high voltage ESD strikes, it is recommended to connect XRES to a host GPIO pin to allow the device reset.
Application Information
GND
GND
±1%
22
R1
4.7 uF
10 %
6.3 V
C2
±20%
6.3V
10μF
C1
1V8
VDD1V8
5 %
10K
R8
VIO
±1%
2.2K
R7
±1%
2.2K
R6
VIO
GND
3V3
VDD3V3
±20%
6.3V
10μF
C5
VDD1V8
SCL
INT
GND
TMD3721
INT
6
SCL
2
SDA
1
XRES
7
VSYNC
8
VSS
3
VDD3
5
VDD18
4
U1
ams AG
5 %
10K
R4
5 %
10K
R3
GND
GND
XRES
VSYNC
SDA
VDD3V3
ams-OSRAM AG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com