Electronic Components Datasheet Search
  English  ▼

X  

TMD3721 Datasheet(PDF) 47 Page - ams AG

Part # TMD3721
Description  ALS/Color and Proximity Sensor Module for Behind OLED Applications
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3721 Datasheet(HTML) 47 Page - ams AG

Back Button TMD3721 Datasheet HTML 43Page - ams AG TMD3721 Datasheet HTML 44Page - ams AG TMD3721 Datasheet HTML 45Page - ams AG TMD3721 Datasheet HTML 46Page - ams AG TMD3721 Datasheet HTML 47Page - ams AG TMD3721 Datasheet HTML 48Page - ams AG TMD3721 Datasheet HTML 49Page - ams AG TMD3721 Datasheet HTML 50Page - ams AG TMD3721 Datasheet HTML 51Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 89 page
background image
Page 46
Datasheet, Public
Document Feedback
[v3-00] 2023-May-26
TMD3721 − Register O ver view
CFG3 Register (Address 0xAB)
Figure 60:
CFG3 Register
Addr: 0xAB
CFG3
Bit
Bit Name
Default
Access
Bit Description
7INT_READ_CLEAR
0
RW
If set, the interrupt flag bits in the STATUS register
will be reset whenever the STATUS register is read
over I²C.
6:5
MODE_CFG
10
RW
The register sets the operational mode of ALS and
Proximity measurement of the device.
Value
Operational Mode
00
Sequential Mode
01
Concurrent Mode
10
Full Parallel Mode
11
Unused Setting
4SAI
0
RW
The Sleep After Interrupt bit is used to place the
device into a low power mode at the end of the
proximity /ALS cycle if an interrupt has been
generated. SAI doesn't modify any register bits
directly, it rather uses the interrupt signal to turn off
the oscillator. The device will appear as if PON=0,
however, PON will read as 1. The way to wake up the
device from SAI-sleep is by clearing the interrupts in
the status registers. Note that SAI is only available in
sequential mode.
PON
SAI
INT (low
active)
Oscillator
0X
X
OFF
10
X
ON
11
1
ON
11
0
OFF
3PID_EN
0
RW
When this bit is set, whenever a proximity pulse is
triggered during ASP1 ASP2 sampling period in Full
Parallel Mode, PID is written into the FIFO instead of
the actual ALS data.
Configure {PID_H, PID_L} for the PID value.
2:0
Reserved
001
RW
Reserved. Must be set to default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com