Electronic Components Datasheet Search
  English  ▼

X  

MAX5322 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5322
Description  짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5322 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5322 Datasheet HTML 9Page - Maxim Integrated Products MAX5322 Datasheet HTML 10Page - Maxim Integrated Products MAX5322 Datasheet HTML 11Page - Maxim Integrated Products MAX5322 Datasheet HTML 12Page - Maxim Integrated Products MAX5322 Datasheet HTML 13Page - Maxim Integrated Products MAX5322 Datasheet HTML 14Page - Maxim Integrated Products MAX5322 Datasheet HTML 15Page - Maxim Integrated Products MAX5322 Datasheet HTML 16Page - Maxim Integrated Products MAX5322 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Detailed Description
The MAX5322 dual, 12-bit DAC operates from either
single or dual analog supplies. Dual ±12V to ±15V
power supplies provide bipolar ±5V to ±10V outputs, or
unipolar 0V to 10V outputs. Single 12V to 15V analog
power supplies only provide unipolar 0 to 10V outputs.
The reference inputs accept voltages from 2V to 5.25V.
The DAC features INL and DNL less than ±1 LSB (max),
a fast 10µs settling time, and a hardware shutdown
mode that reduces current consumption to 2.8µA. The
device features a 10MHz SPI-/QSPI-/MICROWIRE-com-
patible serial interface that operates with 3V or 5V logic,
an asynchronous load input, and a serial-data output.
The device offers a CLR that sets the DAC outputs to 0V.
Figure 1 shows the functional diagram of the MAX5322.
Serial Interface
An SPI-/QSPI-/MICROWIRE-compatible serial interface
allows complete control of the DAC through a 16-bit
control word. The first 4 bits form the control bits that
determine register loading and software shutdown
functions. The last 12 bits form the DAC data. The 16-
bit word is entered MSB first.
Table 1 shows the serial-data control-word format.
Table 2 shows the interface commands. The MAX5322
can be programmed while in shutdown.
The serial interface contains five registers: a 16-bit shift
register, two 12-bit input registers, and two 12-bit DAC
registers (Figure 1). The shift register accepts data
from the serial interface. The input registers act as
holding registers for data going to the DAC registers
±10V, Dual, 12-Bit, Serial, Voltage-Output DAC
______________________________________________________________________________________
13
CONTROL BITS
DATA BITS
MSB
LSB
C3
C2
C1
C0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 1. Control-Word Format
16-BIT SERIAL WORD
CONTROL BITS
DATA BITS
C3
C2
C1
C0
D11–D0
FUNCTION
0
0
0
0
XXXXXXXXXXXX
No operation (NOP).
0
0
0
1
12-bit DAC data
Load both DAC registers and both input registers from the shift register.
(Start both DACs with new data.)
0
0
1
0
12-bit DAC data
Load input register A from the shift register; DAC registers are unchanged.
0
0
1
1
12-bit DAC data
Load input register B from the shift register; DAC registers are unchanged.
0
1
0
0
12-bit DAC data
Load DAC register A and input register A from the shift register.
0
1
0
1
12-bit DAC data
Load DAC register B and input register B from the shift register.
0
1
1
0
XXXXXXXXXXXX
Update DAC register A from input register A (no data sent).
0
1
1
1
XXXXXXXXXXXX
Update DAC register B from input register B (no data sent).
1
0
0
0
XXXXXXXXXXXX
Shut down DAC A (provided
SHDN = 1).
1
0
0
1
XXXXXXXXXXXX
Shut down DAC B (provided
SHDN = 1).
1
0
1
0
XXXXXXXXXXXX
Update both DAC registers from their respective input registers.
(Start both DACs with data previously stored in the input register.)
1
0
1
1
XXXXXXXXXXXX
Shut down both DACs (provided
SHDN = 1).
1
1
0
0
XXXXXXXXXXXX
Power up DAC A (no change to any registers).
1
1
0
1
XXXXXXXXXXXX
Power up DAC B (no change to any registers).
1
1
1
0
XXXXXXXXXXXX
Power up both DACs (no change to any registers).
1
1
1
1
XXXXXXXXXXXX
Not used.
Table 2. Serial-Interface Programming Commands
X = Don’t care.
Note: The DACs can be programmed in shutdown mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com