Electronic Components Datasheet Search
  English  ▼

X  

MAX5322 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5322
Description  짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5322 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5322 Datasheet HTML 1Page - Maxim Integrated Products MAX5322 Datasheet HTML 2Page - Maxim Integrated Products MAX5322 Datasheet HTML 3Page - Maxim Integrated Products MAX5322 Datasheet HTML 4Page - Maxim Integrated Products MAX5322 Datasheet HTML 5Page - Maxim Integrated Products MAX5322 Datasheet HTML 6Page - Maxim Integrated Products MAX5322 Datasheet HTML 7Page - Maxim Integrated Products MAX5322 Datasheet HTML 8Page - Maxim Integrated Products MAX5322 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
±10V, Dual, 12-Bit, Serial, Voltage-Output DAC
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (SINGLE SUPPLY)
(VDD = +15V ±5%, VSS = 0V, VCC = +5V ±10%, AGND = DGND = SGND_ = 0V, VREF_ = 5V, RLOAD = 10k
Ω, CLOAD = 250pF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY
Resolution
N
12
Bits
Integral Nonlinearity
INL
(Note 3)
±1
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
±1
LSB
Unipolar Zero-Scale Error
±2
LSB
Unipolar Zero-Scale Temperature
Coefficient
0.09
ppm
FSR/
°C
Gain Error
No load
±2
LSB
Gain-Error Temperature
Coefficient
No load
2
ppm
FSR/
°C
ANALOG OUTPUTS (OUTA, OUTB)
Output Voltage Range
0
+2 x
VREF
V
Resistive Load to GND
RLOAD
10
k
Ω
Capacitive Load to GND
CLOAD
250
pF
DC Output Resistance
0.5
Ω
SGND INPUTS (SGNDA, SGNDB)
Input Impedance
92
k
Ω
REFERENCE INPUTS (REFA, REFB)
Reference Voltage Input Range
2.00
5.25
V
Input Resistance
Code = 555hex, worst-case code
15
22
k
Ω
Reference Input Bandwidth
VREF = 200mVP-P + 5VDC
150
kHz
DIGITAL INPUTS (SCLK, DIN,
CS, SHDN, UNI/BIPA, UNI/BIPB, CLR, LDAC)
+2.7V
≤ VCC ≤ +3.6V
0.7 x
VCC
Input Voltage High
VIH
+4.5V
≤ VCC ≤ +5.5V
2.4
V
+2.7V
≤ VCC ≤ +3.6V
0.8
Input Voltage Low
VIL
+4.5V
≤ VCC ≤ +5.5V
0.8
V
+2.7V
≤ VCC ≤ +3.6V
10
Input Capacitance
CIN
+4.5V
≤ VCC ≤ +5.5V
10
pF
0
≤ VIN ≤ VCC, +2.7V ≤ VCC ≤ +3.6V
±1
Input Current
IIN
0
≤ VIN ≤ VCC, +4.5V ≤ VCC ≤ +5.5V
±1
µA
DIGITAL OUTPUT (DOUT)
Output Voltage High
VOH
ISOURCE = 2mA
VCC -
0.5
V
Output Voltage Low
VOL
ISINK = 2mA
0.4
V
Tri-State Leakage Current
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com