Electronic Components Datasheet Search
  English  ▼

X  

MAX5322 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5322
Description  짹10V, Dual, 12-Bit, Serial, Voltage-Output DAC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5322 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5322 Datasheet HTML 1Page - Maxim Integrated Products MAX5322 Datasheet HTML 2Page - Maxim Integrated Products MAX5322 Datasheet HTML 3Page - Maxim Integrated Products MAX5322 Datasheet HTML 4Page - Maxim Integrated Products MAX5322 Datasheet HTML 5Page - Maxim Integrated Products MAX5322 Datasheet HTML 6Page - Maxim Integrated Products MAX5322 Datasheet HTML 7Page - Maxim Integrated Products MAX5322 Datasheet HTML 8Page - Maxim Integrated Products MAX5322 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
±10V, Dual, 12-Bit, Serial, Voltage-Output DAC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS (DUAL SUPPLY)
(VDD = +15V ±5%, VSS = -15V ±5%, VCC = +5V ±10%, AGND = DGND = SGND_ = 0V, VREF_ = 5V, RLOAD = 2k
Ω, CLOAD = 250pF,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND..........................................................-0.3V to +17V
VSS to AGND ..........................................................-17V to +0.3V
VDD to VSS ..........................................................................+34V
VCC to DGND ...........................................................-0.3V to +6V
AGND to DGND.....................................................-0.3V to +0.3V
SGND_ to AGND ...................................................-0.3V to +0.3V
SCLK, DIN, CS, SHDN, UNI/BIP_, CLR,
LDAC, DOUT to DGND ..........................-0.3V to (VCC + 0.3V)
OUT_ to AGND.................................(VSS - 0.3V) to (VDD + 0.3V)
REF_ to AGND..........................................................-0.3V to +6V
Maximum Current into REF_ .............................................±10mA
Maximum Current into Any Pin Excluding REF_...............±50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin SSOP (derate 9.5mW/°C above +70°C) ........761.9mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STATIC ACCURACY
Resolution
N
12
Bits
Integral Nonlinearity
INL
±1
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic
±1
LSB
Bipolar, code = 800hex
±2
Zero-Scale Error
Unipolar, code = 000hex
±2
LSB
Bipolar
0.9
Zero-Scale Temperature
Coefficient
Unipolar
0.09
ppm
FSR/
°C
Bipolar (output unloaded)
±2
Gain Error
Unipolar (output unloaded)
±2
LSB
Bipolar (output unloaded)
2
Gain-Error Temperature
Coefficient
Unipolar (output unloaded)
2
ppm
FSR/
°C
ANALOG OUTPUTS (OUTA, OUTB)
Output Voltage Range
(VSS + 1.5V) < VOUT < (VDD - 1.5V)
-2 x
VREF
+2 x
VREF
V
Resistive Load to GND
RLOAD
2k
Ω
Capacitive Load to GND
CLOAD
250
pF
DC Output Resistance
0.5
Ω
SGND INPUTS (SGNDA, SGNDB)
Input Impedance
92
k
Ω
REFERENCE INPUTS (REFA, REFB)
Reference Voltage Input Range
2.00
5.25
V
Input Resistance
RREF
Code = 555hex, worst-case code
15
22
k
Ω
Reference Bandwidth
VREF = 200mVP-P + 5VDC
200
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com